Electronic Components Datasheet Search
  English  ▼

X  

ICS1893CFI Datasheet(PDF) 30 Page - Integrated Circuit Systems

Part # ICS1893CFI
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceive
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893CFI Datasheet(HTML) 30 Page - Integrated Circuit Systems

Back Button ICS1893CFI Datasheet HTML 26Page - Integrated Circuit Systems ICS1893CFI Datasheet HTML 27Page - Integrated Circuit Systems ICS1893CFI Datasheet HTML 28Page - Integrated Circuit Systems ICS1893CFI Datasheet HTML 29Page - Integrated Circuit Systems ICS1893CFI Datasheet HTML 30Page - Integrated Circuit Systems ICS1893CFI Datasheet HTML 31Page - Integrated Circuit Systems ICS1893CFI Datasheet HTML 32Page - Integrated Circuit Systems ICS1893CFI Datasheet HTML 33Page - Integrated Circuit Systems ICS1893CFI Datasheet HTML 34Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 126 page
background image
ICS1893CF, Rev. F, 03/01/07
Mar. 2007
30
Chapter 6 Functional Blocks
ICS1893CF Data Sheet - Release
Copyright © 2007, Integrated Device Technology, Inc.
All rights reserved.
6.3.3 PCS/PMA Transmit Modules
Both the PCS and PMA sublayers have Transmit modules.
6.3.3.1 PCS Transmit Module
The ICS1893CF PCS Transmit module accepts nibbles from the MAC Interface and converts the nibbles
into 5-bit ‘code groups’ (referred to here as ‘symbols’). In addition, the PCS Transmit module performs a
parallel-to-serial conversion on the symbols, and subsequently passes the resulting serial bit stream to the
PMA sublayer.
The first 16 nibbles of each MAC Frame represent the Frame Preamble. The PCS replaces the first two
nibbles of the Frame Preamble with the Start-of-Stream Delimiter (SSD), that is, the symbols /J/K/. After
receipt of the last Frame nibble, detected when TX_EN = FALSE, the PCS appends to the end of the Frame
an End-of-Stream Delimiter (ESD), that is, the symbols /T/R/. (The ICS1893CF PCS does not alter any
other data included within the Frame.)
The PCS Transmit module also performs collision detection. In compliance with the ISO/IEC specification,
when the transmission and reception of data occur simultaneously and the ICS1893CF is in:
• Half-duplex mode, the ICS1893CF asserts the collision detection signal (COL).
• Full-duplex mode, COL is always FALSE.
6.3.3.2 PMA Transmit Module
The ICS1893CF PMA Transmit module accepts a serial bit stream from its PCS and converts the data into
NRZI format. Subsequently, the PMA passes the NRZI bit stream to the Twisted-Pair Physical Medium
Dependent (TP-PMD) sublayer.
The ICS1893CF PMA Transmit module uses a digital PLL to synthesize a transmit clock from the Clock
Reference Interface.
6.3.4 PCS/PMA Receive Modules
Both the PCS and PMA sublayers have Receive modules.
6.3.4.1 PCS Receive Module
The ICS1893CF PCS Receive module accepts both a serial bit stream and a clock signal from the PMA
sublayer. The PCS Receive module converts the bit stream from a serial format to a parallel format and
then processes the data to detect the presence of a carrier.
When a link is in the idle state, the PCS Receive module receives IDLE symbols. (All bits are logic one.)
Upon receiving two non-contiguous zeros in the bit stream, the PCS Receive module examines the
ensuing bits and attempts to locate the Start-of-Stream Delimiter (SSD), that is, the /J/K/ symbols.
Upon verification of a valid SSD, the PCS Receive module substitutes the first two standard nibbles of a
Frame Preamble for the detected SSD. In addition, the PCS Receive module uses the SSD to begin
framing the ensuing data into 5-bit code symbols. The final PCS Receive module performs 4B/5B decoding
on the symbols and then synchronously passes the resulting nibbles to the MAC Interface.
The Receive state machine continues to accept PMA data, convert it from serial to parallel format, frame it,
decode it, and pass it to the MAC Interface. During this time, the Receive state machine alternates between
Receive and Data States. It continues this process until detecting one of the following:
• An End-of-Stream Delimiter (ESD, that is, the /T/R/ symbols)
• An error
• A premature end (IDLEs)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com