Electronic Components Datasheet Search
  English  ▼

X  

ICS1893CFI Datasheet(PDF) 55 Page - Integrated Circuit Systems

Part # ICS1893CFI
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceive
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893CFI Datasheet(HTML) 55 Page - Integrated Circuit Systems

Back Button ICS1893CFI Datasheet HTML 51Page - Integrated Circuit Systems ICS1893CFI Datasheet HTML 52Page - Integrated Circuit Systems ICS1893CFI Datasheet HTML 53Page - Integrated Circuit Systems ICS1893CFI Datasheet HTML 54Page - Integrated Circuit Systems ICS1893CFI Datasheet HTML 55Page - Integrated Circuit Systems ICS1893CFI Datasheet HTML 56Page - Integrated Circuit Systems ICS1893CFI Datasheet HTML 57Page - Integrated Circuit Systems ICS1893CFI Datasheet HTML 58Page - Integrated Circuit Systems ICS1893CFI Datasheet HTML 59Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 126 page
background image
Chapter 7 Management Register Set
ICS1893CF, Rev. F, 03/01/07
Mar. 2007
55
ICS1893CF Data Sheet Rev. F - Release
Copyright © 2007, Integrated Device Technology, Inc.
All rights reserved.
7.4 Register 2: PHY Identifier Register
Table 7-7 lists the bits for PHY Identifier Register (Register 2), which is one of two PHY Identifier Registers
that are part of a set defined by the ISO/IEC specification. As a set, the PHY Identifier Registers (Registers
2 and 3) include a unique, 32-bit PHY Identifier composed from the following:
• Organizationally Unique Identifier (OUI), discussed in this section
• Manufacturer’s PHY Model Number, discussed in Section 7.5, “Register 3: PHY Identifier Register”
• Manufacturer’s PHY Revision Number, discussed in Section 7.5, “Register 3: PHY Identifier Register”
All of the bits in the two PHY Identifier Registers are Command Override Write bits. An STA can read them
at any time without condition. However, an STA can modify these register bits only when the Command
Register Override bit (bit 16.15) is enabled with a logic one.
Note: For an explanation of acronyms used in Table 7-5, see Chapter 1, “Abbreviations and Acronyms”.
Table 7-7. PHY Identifier Register (Register 2 [0x02])
Bit
Definition
When Bit = 0 When Bit = 1
Access
Special
Function
Default
Hex
2.15
OUI bit 3 | c
N/A
N/A
CW
–
0
0
2.14
OUI bit 4 | d
N/A
N/A
CW
–
0
2.13
OUI bit 5 | e
N/A
N/A
CW
–
0
2.12
OUI bit 6 | f
N/A
N/A
CW
–
0
2.11
OUI bit 7 | g
N/A
N/A
CW
–
0
0
2.10
OUI bit 8 | h
N/A
N/A
CW
–
0
2.9
OUI bit 9 | I
N/A
N/A
CW
–
0
2.8
OUI bit 10 | j
N/A
N/A
CW
–
0
2.7
OUI bit 11 | k
N/A
N/A
CW
–
0
1
2.6
OUI bit 12 | l
N/A
N/A
CW
–
0
2.5
OUI bit 13 | m
N/A
N/A
CW
–
0
2.4
OUI bit 14 | n
N/A
N/A
CW
–
1
2.3
OUI bit 15 | o
N/A
N/A
CW
–
0
5
2.2
OUI bit 16 | p
N/A
N/A
CW
–
1
2.1
OUI bit 17 | q
N/A
N/A
CW
–
0
2.0
OUI bit 18 | r
N/A
N/A
CW
–
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com