Electronic Components Datasheet Search
  English  ▼

X  

ICS1893CFI Datasheet(PDF) 46 Page - Integrated Circuit Systems

Part # ICS1893CFI
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceive
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893CFI Datasheet(HTML) 46 Page - Integrated Circuit Systems

Back Button ICS1893CFI Datasheet HTML 42Page - Integrated Circuit Systems ICS1893CFI Datasheet HTML 43Page - Integrated Circuit Systems ICS1893CFI Datasheet HTML 44Page - Integrated Circuit Systems ICS1893CFI Datasheet HTML 45Page - Integrated Circuit Systems ICS1893CFI Datasheet HTML 46Page - Integrated Circuit Systems ICS1893CFI Datasheet HTML 47Page - Integrated Circuit Systems ICS1893CFI Datasheet HTML 48Page - Integrated Circuit Systems ICS1893CFI Datasheet HTML 49Page - Integrated Circuit Systems ICS1893CFI Datasheet HTML 50Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 126 page
background image
ICS1893CF, Rev. F, 03/01/07
Mar. 2007
46
Chapter 7 Management Register Set
ICS1893CF Data Sheet - Release
Copyright © 2007, Integrated Device Technology, Inc.
All rights reserved.
7.2 Register 0: Control Register
Table 7-5 lists the bits for the Control Register, a 16-bit register used to establish the basic operating modes
of the ICS1893CF.
• The Control Register is accessible through the MII Management Interface.
• Its operation is independent of the MAC Interface configuration.
• It is fully compliant with the ISO/IEC Control Register definition.
Note: For an explanation of acronyms used in Table 7-5, see Chapter 1, “Abbreviations and Acronyms”.
† Whenever the PHY address of Table 7-16:
• Is equal to 00000 (binary), the Isolate bit 0.10 is logic one.
• Is not equal to 00000, the Isolate bit 0.10 is logic zero.
‡ As per the IEEE Std 802.3u, during any write operation to any bit in this register, the STA must write the default value
to all Reserved bits.
7.2.1 Reset (bit 0.15)
This bit controls the software reset function. Setting this bit to logic one initiates an ICS1893CF software
reset during which all Management Registers are set to their default values and all internal state machines
are set to their idle state. For a detailed description of the software reset process, see Section 4.1.2.3,
“Software Reset”.
During reset, the ICS1893CF leaves bit 0.15 set to logic one and isolates all STA management register
accesses. However, the reset process is not complete until bit 0.15 (a Self-Clearing bit), is set to logic zero,
which indicates the reset process is terminated.
Table 7-5. Control Register (Register 0 [0x00]
Bit
Definition
When Bit = 0
When Bit = 1
Ac-
cess
SF
De-
fault
Hex
0.15
Reset
No effect
ICS1893CF enters Reset
mode
R/W
SC
0
3
0.14
Loopback enable
Disable Loopback mode
Enable Loopback mode
R/W
–
0
0.13
Data rate select
10 Mbps operation
100 Mbps operation
R/W
–
1
0.12
Auto-Negotiation enable
Disable Auto-Negotiation Enable Auto-Negotiation
R/W
–
1
0.11
Low-power mode
Normal power mode
Low-power mode
R/W
–
0
0/4†
0.10
Isolate
No effect
Isolate ICS1893CF from
MII
R/W
–
0/1†
0.9
Auto-Negotiation restart
No effect
Restart Auto-Negotiation
R/W
SC
0
0.8
Duplex mode
Half-duplex operation
Full-duplex operation
R/W
–
0
0.7
Collision test
No effect
Enable collision test
R/W
–
0
0
0.6
IEEE reserved
Always 0
N/A
RO
–
0‡
0.5
IEEE reserved
Always 0
N/A
RO
–
0‡
0.4
IEEE reserved
Always 0
N/A
RO
–
0‡
0.3
IEEE reserved
Always 0
N/A
RO
–
0‡
0
0.2
IEEE reserved
Always 0
N/A
RO
–
0‡
0.1
IEEE reserved
Always 0
N/A
RO
–
0‡
0.0
IEEE reserved
Always 0
N/A
RO
–
0‡



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com