Electronic Components Datasheet Search
  English  ▼

X  

RT1050 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # RT1050
Description  i.MX RT1050 Crossover Processors Data Sheet for Industrial Products
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RT1050 Datasheet(HTML) 2 Page - NXP Semiconductors

  RT1050 Datasheet HTML 1Page - NXP Semiconductors RT1050 Datasheet HTML 2Page - NXP Semiconductors RT1050 Datasheet HTML 3Page - NXP Semiconductors RT1050 Datasheet HTML 4Page - NXP Semiconductors RT1050 Datasheet HTML 5Page - NXP Semiconductors RT1050 Datasheet HTML 6Page - NXP Semiconductors RT1050 Datasheet HTML 7Page - NXP Semiconductors RT1050 Datasheet HTML 8Page - NXP Semiconductors RT1050 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 115 page
background image
i.MX RT1050 Crossover Processors Data Sheet for Industrial Products, Rev. 2, 03/2021
2
NXP Semiconductors
i.MX RT1050 introduction
i.MX RT1050 has analog interfaces, such as ADC, ACMP, and TSC.
The i.MX RT1050 is specifically useful for applications such as:
•
Industrial Human Machine Interfaces (HMI)
•
Motor Control
•
Home Appliance
1.1
Features
The i.MX RT1050 processors are based on Arm Cortex-M7 Core™ Platform, which has the following
features:
•
Supports single Arm Cortex-M7 Core with:
— 32 KB L1 Instruction Cache
— 32 KB L1 Data Cache
— Full featured Floating Point Unit (FPU) with support of the VFPv5 architecture
— Support the Armv7-M Thumb instruction set
•
Integrated MPU, up to 16 individual protection regions
•
Up to 512 KB I-TCM and D-TCM in total
•
Frequency of 528 MHz
•
Cortex M7 CoreSight™ components integration for debug
•
Frequency of the core, as per Table 10, "Operating ranges," on page 21.
The SoC-level memory system consists of the following additional components:
— Boot ROM (96 KB)
— On-chip RAM (512 KB)
– Configurable RAM size up to 512 KB shared with M7 TCM
•
External memory interfaces:
— 8/16-bit SDRAM, up to SDRAM-166
— 8/16-bit SLC NAND FLASH, with ECC handled in software
—SD/eMMC
— SPI NOR/NAND FLASH
— Parallel NOR FLASH with XIP support
— Single/Dual channel Quad SPI FLASH with XIP support
•
Timers and PWMs:
— Two General Programmable Timers (GPT)
– 4-channel generic 32-bit resolution timer
– Each support standard capture and compare operation
— Four Periodical Interrupt Timer (PIT)
– Generic 16-bit resolution timer
– Periodical interrupt generation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com