Electronic Components Datasheet Search
  English  ▼

X  

RT1050 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # RT1050
Description  i.MX RT1050 Crossover Processors Data Sheet for Industrial Products
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

RT1050 Datasheet(HTML) 3 Page - NXP Semiconductors

  RT1050 Datasheet HTML 1Page - NXP Semiconductors RT1050 Datasheet HTML 2Page - NXP Semiconductors RT1050 Datasheet HTML 3Page - NXP Semiconductors RT1050 Datasheet HTML 4Page - NXP Semiconductors RT1050 Datasheet HTML 5Page - NXP Semiconductors RT1050 Datasheet HTML 6Page - NXP Semiconductors RT1050 Datasheet HTML 7Page - NXP Semiconductors RT1050 Datasheet HTML 8Page - NXP Semiconductors RT1050 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 115 page
background image
i.MX RT1050 introduction
i.MX RT1050 Crossover Processors Data Sheet for Industrial Products, Rev. 2, 03/2021
NXP Semiconductors
3
— Four Quad Timers (QTimer)
– 4-channel generic 16-bit resolution timer for each
– Each support standard capture and compare operation
– Quadrature decoder integrated
— Four FlexPWMs
– Up to 8 individual PWM channels for each
– 16-bit resolution PWM suitable for Motor Control applications
— Four Quadrature Encoder/Decoders
Each i.MX RT1050 processor enables the following interfaces to external devices (some of them are
muxed and not available simultaneously):
•
Display Interface:
— Parallel RGB LCD interface
– Support 8/16/24 bit interface
– Support up to 1366 x 768 WXGA resolution
– Support Index color with 256 entry x 24 bit color LUT
– Smart LCD display with 8/16-bit MPU/8080 interface
•
Audio:
— S/PDIF input and output
— Three synchronous audio interface (SAI) modules supporting I2S, AC97, TDM, and
codec/DSP interfaces
— MQS interface for medium quality audio via GPIO pads
•
Generic 2D graphics engine:
— BitBlit
— Flexible image composition options—alpha, chroma key
— Image rotation (90, 180, 270)
— Porter-Daff operation
— Image size
— Color space conversion
— Multiple pixel format support (RGB, YUV444, YUV422, YUV420, YUV400)
— Standard 2D-DMA operation
•
Camera sensors:
— Support 24-bit, 16-bit, and 8-bit CSI input
•
Connectivity:
— Two USB 2.0 OTG controllers with integrated PHY interfaces
— Two Ultra Secure Digital Host Controller (uSDHC) interfaces
– MMC 4.5 compliance with HS200 support up to 200 MB/sec
– SD/SDIO 3.0 compliance with 200 MHz SDR signaling to support up to 100 MB/sec



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com