Electronic Components Datasheet Search
  English  ▼

X  

STAC9759 Datasheet(PDF) 35 Page - Integrated Device Technology

Part # STAC9759
Description  HIGH-PERFORMANCE 6-CHANNEL AC??7 2.3 CODEC WITH UNIVERSAL JACKS
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9759 Datasheet(HTML) 35 Page - Integrated Device Technology

Back Button STAC9759 Datasheet HTML 31Page - Integrated Device Technology STAC9759 Datasheet HTML 32Page - Integrated Device Technology STAC9759 Datasheet HTML 33Page - Integrated Device Technology STAC9759 Datasheet HTML 34Page - Integrated Device Technology STAC9759 Datasheet HTML 35Page - Integrated Device Technology STAC9759 Datasheet HTML 36Page - Integrated Device Technology STAC9759 Datasheet HTML 37Page - Integrated Device Technology STAC9759 Datasheet HTML 38Page - Integrated Device Technology STAC9759 Datasheet HTML 39Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 119 page
background image
STAC9758/9759
HIGH-PERFORMANCE 6-CHANNEL AC’97 2.3 CODEC WITH UNIVERSAL JACKS™
PC AUDIO
IDT™
35
STAC9758/9759
V 1.2 1206
HIGH-PERFORMANCE 6-CHANNEL AC’97 2.3 CODEC WITH UNIVERSAL JACKS™
5.3.
AC-Link Output Frame (SDATA_OUT)
The AC-Link output frame data streams correspond to the multiplexed bundles of all digital output
data targeting AC‘97’s DAC inputs, and control registers. As mentioned earlier, each AC-Link output
frame supports up to 12 20-bit outgoing data time slots. Slot 0 is a special reserved time slot contain-
ing 16-bits which are used for AC-Link protocol infrastructure.
Figure 14 illustrates the time slot based AC-Link protocol.
Figure 14. AC-Link Audio Output Frame
A new AC-Link output frame begins with a low to high transition of SYNC. SYNC is synchronous to
the rising edge of BIT_CLK. On the immediately following falling edge of BIT_CLK, the AC‘97
CODEC samples the assertion of SYNC. This falling edge marks the time when both sides of
AC-Link are aware of the start of a new audio frame. On the next rising of BIT_CLK, the AC‘97 Con-
troller transitions SDATA_OUT into the first bit position of slot 0 (Valid Frame bit). Each new bit posi-
tion is presented to AC-Link on a rising edge of BIT_CLK, and subsequently sampled by the AC‘97
CODEC on the following falling edge of BIT_CLK. This sequence ensures that data transitions and
subsequent sample points for both incoming and outgoing data streams are time aligned.
Figure 15. Start of an Audio Output Frame
SDATA_OUT’s composite stream is MSB justified (MSB first) with all non-valid slots’ bit positions
stuffed with 0 by the AC‘97 Controller. If there are less than 20 valid bits within an assigned and valid
time slot, the AC‘97 Controller always stuffs all trailing non-valid bit positions of the 20-bit slot with 0.
As an example, consider an 8-bit sample stream that is being played out to one of the STAC9758/
9759 DACs. The first 8-bit positions are presented to the DAC (MSB justified) followed by the next
12 bit-positions which are stuffed with 0 by the AC‘97 Controller. This ensures that regardless of the
SYNC
BIT_CLK
SDATA_OUT
slot1
slot2
End of previous audio frame
slot(12)
"0"
19
Data Phase
20.8 uS (48 kHZ)
Tag Phase
12.288 MHz
Time Slot "Valid" Bits
Slot 1
Slot 2
Slot 3
Slot 12
("1" = time slot contains valid PCM data)
CID1
CID0
valid
"0"
19
19
"0"
Frame
19
"0"
"0"
SYNC
BIT_CLK
SDATA_OUT
slot1
slot2
End of previous audio frame
valid
Frame
SYNC
asserted
first
SDATA_OUT
bit of frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com