Electronic Components Datasheet Search
  English  ▼

X  

STAC9759 Datasheet(PDF) 52 Page - Integrated Device Technology

Part # STAC9759
Description  HIGH-PERFORMANCE 6-CHANNEL AC??7 2.3 CODEC WITH UNIVERSAL JACKS
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9759 Datasheet(HTML) 52 Page - Integrated Device Technology

Back Button STAC9759 Datasheet HTML 48Page - Integrated Device Technology STAC9759 Datasheet HTML 49Page - Integrated Device Technology STAC9759 Datasheet HTML 50Page - Integrated Device Technology STAC9759 Datasheet HTML 51Page - Integrated Device Technology STAC9759 Datasheet HTML 52Page - Integrated Device Technology STAC9759 Datasheet HTML 53Page - Integrated Device Technology STAC9759 Datasheet HTML 54Page - Integrated Device Technology STAC9759 Datasheet HTML 55Page - Integrated Device Technology STAC9759 Datasheet HTML 56Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 119 page
background image
STAC9758/9759
HIGH-PERFORMANCE 6-CHANNEL AC’97 2.3 CODEC WITH UNIVERSAL JACKS™
PC AUDIO
IDT™
52
STAC9758/9759
V 1.2 1206
HIGH-PERFORMANCE 6-CHANNEL AC’97 2.3 CODEC WITH UNIVERSAL JACKS™
8.2.3.
DAC-A Volume Register (04h)
Default: 8000h
D15
D14
D13
D12
D11
D10
D9
D8
Mute
RESERVED
ML5
ML4
ML3
ML2
ML1
ML0
D7
D6
D5
D4
D3
D2
D1
D0
RMute
RESERVED
MR5
MR4
MR3
MR2
MR1
MR0
Bit(s) Reset Value R/W
Name
Description
15
1
RW
Mute
0 = no mute
1 = mute
The channels to be affected are determined by the SPLITMUTE bit
(Reg 72, Page 0, Bit D6)
If SPLITMUTE = 0 - both Left and Right channels are muted
If SPLITMUTE = 1 - only the Left Channel is muted
14
0
RO RESERVED Bit not used, should read back 0
13
0
WO
ML5
If a 1 is written to this bit, then ML<4:0> is loaded with 11111b. This bit
always reads 0.
12:8
0
RW
ML<4:0>
DAC A Left Volume Control
00h = 00000b =
0 dB attenuation
01h = 00001b = -1.5 dB attenuation
.....
1Fh = 11111b = -46.5 dB attenuation
7
0
RW
RMute
Mutes Right Channel independent of Left Channel
0 = unmute
1 = muted
The SPLITMUTE bit (Reg 72 (Page 0), D6) must be set to 1 in order for the
RMute bit to have an effect on the sound.
The RMute bit is R/W and may be written and read regardless of the state
of the SPLITMUTE bit.
6
0
RO RESERVED Bit not used, should read back 0
5
0
WO
MR5
If a 1 is written to this bit, then MR<4:0> is loaded with 11111b. This bit
always reads 0.
4:0
0
RW
MR<4:0>
DAC A Right Volume Control
00h = 00000b =
0 dB attenuation
01h = 00001b = -1.5 dB attenuation
.....
1Fh = 11111b = -46.5 dB attenuation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com