Electronic Components Datasheet Search
  English  ▼

X  

STAC9759 Datasheet(PDF) 49 Page - Integrated Device Technology

Part # STAC9759
Description  HIGH-PERFORMANCE 6-CHANNEL AC??7 2.3 CODEC WITH UNIVERSAL JACKS
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9759 Datasheet(HTML) 49 Page - Integrated Device Technology

Back Button STAC9759 Datasheet HTML 45Page - Integrated Device Technology STAC9759 Datasheet HTML 46Page - Integrated Device Technology STAC9759 Datasheet HTML 47Page - Integrated Device Technology STAC9759 Datasheet HTML 48Page - Integrated Device Technology STAC9759 Datasheet HTML 49Page - Integrated Device Technology STAC9759 Datasheet HTML 50Page - Integrated Device Technology STAC9759 Datasheet HTML 51Page - Integrated Device Technology STAC9759 Datasheet HTML 52Page - Integrated Device Technology STAC9759 Datasheet HTML 53Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 119 page
background image
STAC9758/9759
HIGH-PERFORMANCE 6-CHANNEL AC’97 2.3 CODEC WITH UNIVERSAL JACKS™
PC AUDIO
IDT™
49
STAC9758/9759
V 1.2 1206
HIGH-PERFORMANCE 6-CHANNEL AC’97 2.3 CODEC WITH UNIVERSAL JACKS™
54h
GPIO Pin Status
0000h
8.4.9; page84
60h
SPDIF_IN Status 1
0000h
8.6.1; page86
60h (Page 01h)
CODEC Class/Rev
18xxh
8.6.2; page86
62h
SPDIF_IN Status 2
0000h
8.6.3; page87
62h (Page 01h)
PCI SVID
FFFFh
8.6.4; page88
64h
Universal Jacks
TM Output Select
D794h
8.6.3; page87
64h (Page 01h)
PCI SSID
FFFFh
8.6.6; page89
66h
Universal JacksTM Input Select
0000h
8.6.5: page88
66h (Page 01h)
Function Select
0000h
8.6.8; page91
68h
I/O Misc.
0000h
8.6.7: page90
68h (Page 01h)
Function Information
0010h
8.6.10; page93
6Ah
Digital Audio Control
0000h
8.6.9; page92
6Ah (Page01h)
Sense Details
N/A
8.6.12: page96
6Ch
Revision Code
xxxxh
8.6.12; page96
6Ch (Page01h)
DAC Slot Mapping
3760h
8.6.14; page97
6Eh
Analog Special
1000h
8.6.14: page97
6Eh (Page01h)
ADC Slot Mapping
3000h
8.6.16; page100
70h
IDT Reserved
0000h
8.6.17: page100
72h
Various Functions
0000h
8.6.19: page102
74h
EAPD Access
0800h
8.6.19: page102
76h
Analog Misc.
0000h
8.6.20: page103
78h
ADAT Control and HPF Bypass
0000h
8.6.21: page103
7Ah
IDT Reserved
0000h
8.6.22: page103
7Ch
Vendor ID1
8384h
8.7.1; page104
7Eh
Vendor ID2
7658h
8.7.2; page104
Table 17. Programming Registers (Continued)
Address
Name
Default
Location



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com