Electronic Components Datasheet Search
  English  ▼

X  

STAC9759 Datasheet(PDF) 55 Page - Integrated Device Technology

Part # STAC9759
Description  HIGH-PERFORMANCE 6-CHANNEL AC??7 2.3 CODEC WITH UNIVERSAL JACKS
PDF  119 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

STAC9759 Datasheet(HTML) 55 Page - Integrated Device Technology

Back Button STAC9759 Datasheet HTML 51Page - Integrated Device Technology STAC9759 Datasheet HTML 52Page - Integrated Device Technology STAC9759 Datasheet HTML 53Page - Integrated Device Technology STAC9759 Datasheet HTML 54Page - Integrated Device Technology STAC9759 Datasheet HTML 55Page - Integrated Device Technology STAC9759 Datasheet HTML 56Page - Integrated Device Technology STAC9759 Datasheet HTML 57Page - Integrated Device Technology STAC9759 Datasheet HTML 58Page - Integrated Device Technology STAC9759 Datasheet HTML 59Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 119 page
background image
STAC9758/9759
HIGH-PERFORMANCE 6-CHANNEL AC’97 2.3 CODEC WITH UNIVERSAL JACKS™
PC AUDIO
IDT™
55
STAC9758/9759
V 1.2 1206
HIGH-PERFORMANCE 6-CHANNEL AC’97 2.3 CODEC WITH UNIVERSAL JACKS™
14:5
0
RO RESERVED Bits not used, should read back 0
4:0
08
RW
GN<4:0>
Phone Volume Control
00h = 00000b = +12.0 dB gain
01h = 00001b = +10.5 dB gain
.....
08h = 01000b =
0.0 dB - unity gain (default)
.....
1Fh = 11111b = -34.5 dB attenuation
Bit(s) Reset Value R/W
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com