Electronic Components Datasheet Search
  English  ▼

X  

LM5177 Datasheet(PDF) 40 Page - Texas Instruments

Click here to check the latest version.
Part # LM5177
Description  LM251772 36V 4-Switch Buck-Boost Controller with I2C for USB-PD sourcing
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5177 Datasheet(HTML) 40 Page - Texas Instruments

Back Button LM5177 Datasheet HTML 36Page - Texas Instruments LM5177 Datasheet HTML 37Page - Texas Instruments LM5177 Datasheet HTML 38Page - Texas Instruments LM5177 Datasheet HTML 39Page - Texas Instruments LM5177 Datasheet HTML 40Page - Texas Instruments LM5177 Datasheet HTML 41Page - Texas Instruments LM5177 Datasheet HTML 42Page - Texas Instruments LM5177 Datasheet HTML 43Page - Texas Instruments LM5177 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 112 page
background image
V(SW2)
C(O2)
C(O1)
VO
ISNSP
ISNSN
ILIMCOMP
C(ILIMCOMP)
R(LOAD)
R(CS)
Figure 8-21. Simplified Schematic current limit components with resistive load
For a electronic load (CC-mode CR-mode) a type II compensation network might be necessary to adopt to the
internal regulation loop and bandwidth of the used electronic load. Please refer to the Quick Start Calculator Tool
for more detailed optimization.
If the current limit threshold is selected by a resistor instead of the internal DAC the regulation overwrites the
voltage loop once V(ISET) is increasing to the threshold voltage (typ. 1V). The threshold voltage for ISET can be
calculated with:
VISET = VISNSP −VISNSN ∙gmILIMCOMP ∙RISET
(23)
Hence the resistor value to select the current limit threshold voltage calculates with:
RISET = 
VISET 
VISNSP − VISNSN  ∙gmILIMCOMP
(24)
For high frequency noise suppression a capacitor based on the following equation should be placed in parallel to
R(ISET)
CISET =  1 
π∙ fSW ∙RISET
(25)
The read-out register value of the ''ILIM_THRESHOLD" control register is clamped for the lower and for the
upper limit of the register range.
• The reg. readout value is clamped to the lowest clamp current ( e.g. 500mA) if a register value below the
value of clamp current been written in before.
• The reg. readout value is clamped to the highest clamp current if a register value above the highest value of
clamp current has been written in before.
8.3.11.3 Output Current Monitor
The current through the sense resistor can be monitored by the CDC pin simultaneously and has no impact to
a configured current limit via the ILIMCOMP pin. If the limiter is disabled (IMON_LIMITER_EN = 0b0) both pins
provide a proportional current to the differential voltage of ISNSP/N with. The Voltage can be calculated with
VCDC = VISNSP −VISNSN ×gmCDC ×RCDC
(26)
VILIMCOMP = VISNSP −VISNSN ×gmILIMCOMP ×RILIMCOMP
(27)
LM251772
SNVSCT9 – OCTOBER 2024
www.ti.com
40
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LM251772



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com