Electronic Components Datasheet Search
  English  ▼

X  

LM5177 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # LM5177
Description  LM251772 36V 4-Switch Buck-Boost Controller with I2C for USB-PD sourcing
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5177 Datasheet(HTML) 23 Page - Texas Instruments

Back Button LM5177 Datasheet HTML 19Page - Texas Instruments LM5177 Datasheet HTML 20Page - Texas Instruments LM5177 Datasheet HTML 21Page - Texas Instruments LM5177 Datasheet HTML 22Page - Texas Instruments LM5177 Datasheet HTML 23Page - Texas Instruments LM5177 Datasheet HTML 24Page - Texas Instruments LM5177 Datasheet HTML 25Page - Texas Instruments LM5177 Datasheet HTML 26Page - Texas Instruments LM5177 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 112 page
background image
8.2 Functional Block Diagram
VCC2
LDO
POR
SYSTEM
VIN
VMAX
VCC
UVLO
C3
BB
Core
Gate
drive
C3
BIAS
C3
VCC2
C3
C3
C3
SLOPE
MAIN
OSC
C3
RT
DIGITAL
CONTROL
&
REGISTER
FIELD
OTP
EN/UVLO
UVLO
C3
MODE
OVP2
SOFT START
&
TRACK
C3
SS/ATRK
C3
DTRK
I2C
C3
CFG
R2D
VOUT
SCL
SDA
PLL
C3
C3
INT
OSC
C3
nFLT/nINT C3
CSA
CSB
SW2
HO2
C3
C3
C3
HB2
LO2
C3
C3
PGND
C3
C3
SW1
HO1
C3
C3
C3
HB1
LO1
C3
IVP
TSD
OCP
VDET
AVDD
LDO
DVDD
LDO
nRST
C3
C3
C3
SYNC
C3
AGND
R2D
EROR
AMP
C3
FB
C3
COMP
PG, OVP1,
Output
Current
Limit
ISNSN C3
C3
ISNSP
C3
ILIMCOMP
/ISET
Cable
Comp
C3
CDC
VCC1
LDO
C3
VCC1
C3
HS
DRV&
CP
C3
DRV1
C3
nRST
VIN-FB C3
Figure 8-1. LM51772 Functional Block Diagram
www.ti.com
LM251772
SNVSCT9 – OCTOBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: LM251772



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com