Electronic Components Datasheet Search
  English  ▼

X  

LM5177 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LM5177
Description  LM251772 36V 4-Switch Buck-Boost Controller with I2C for USB-PD sourcing
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5177 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM5177 Datasheet HTML 15Page - Texas Instruments LM5177 Datasheet HTML 16Page - Texas Instruments LM5177 Datasheet HTML 17Page - Texas Instruments LM5177 Datasheet HTML 18Page - Texas Instruments LM5177 Datasheet HTML 19Page - Texas Instruments LM5177 Datasheet HTML 20Page - Texas Instruments LM5177 Datasheet HTML 21Page - Texas Instruments LM5177 Datasheet HTML 22Page - Texas Instruments LM5177 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 112 page
background image
6.7 Typical Characteristics (continued)
The following conditions apply (unless otherwise noted): TJ = 25°C; V(VCC2) = 5V
VIN voltage (V)
3,5
3,7
3,9
4,1
4,3
4,5
4,7
4,9
5,1
5,3
5,5
3,3
3,5
3,7
3,9
4,1
4,3
4,5
4,7
4,9
5,1
I(VCC2)=20mA
I(VCC2)=50mA
I(VCC2)=90mA
Figure 6-13. VCC2 LDO Output voltage versus VIN Voltage
V(BIAS) = 0V
BIAS voltage (V)
3,5
3,7
3,9
4,1
4,3
4,5
4,7
4,9
5,1
5,3
5,5
3,3
3,5
3,7
3,9
4,1
4,3
4,5
4,7
4,9
5,1
I(VCC2)=20mA
I(VCC2)=50mA
I(VCC2)=90mA
Figure 6-14. VCC2 LDO Output voltage versus BIAS Voltage
V(VIN) = 2.5V
Te mperature (
C)
0
5
10 15 20 25 30 35 40 45 50 55 60 65 70
9
9.2
9.4
9.6
9.8
10
10.2
10.4
10.6
10.8
11
Figure 6-15. Soft-Start current versus Temperature
Te mperature (
C)
0
10
20
30
40
50
60
70
1.22
1.23
1.24
1.25
1.26
1.27
1.28
Figure 6-16. EN/UVLO Threshold versus Temperature
Te mperature (
C)
0
5
10 15 20 25 30 35 40 45 50 55 60 65 70
4
4.2
4.4
4.6
4.8
5
5.2
5.4
5.6
5.8
6
Figure 6-17. Hysteresis Current on EN/UVLO versus
Temperature
Switching Frequency (MHz)
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
50
100
150
200
250
300
350
400
450
500
550
600
650
Figure 6-18. Buck Minimum Off-time versus Switching
Frequency
www.ti.com
LM251772
SNVSCT9 – OCTOBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: LM251772



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com