Electronic Components Datasheet Search
  English  ▼

X  

LM5177 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # LM5177
Description  LM251772 36V 4-Switch Buck-Boost Controller with I2C for USB-PD sourcing
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5177 Datasheet(HTML) 29 Page - Texas Instruments

Back Button LM5177 Datasheet HTML 25Page - Texas Instruments LM5177 Datasheet HTML 26Page - Texas Instruments LM5177 Datasheet HTML 27Page - Texas Instruments LM5177 Datasheet HTML 28Page - Texas Instruments LM5177 Datasheet HTML 29Page - Texas Instruments LM5177 Datasheet HTML 30Page - Texas Instruments LM5177 Datasheet HTML 31Page - Texas Instruments LM5177 Datasheet HTML 32Page - Texas Instruments LM5177 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 112 page
background image
8.3.3 Reference System
V(VCC,SUP)
VSMART
SELECTION
VIN
BIAS
V(VCC,SUP)
VCC2
LDO
VT(VDET)
Digital
Core
Logic
VIO
LDO
VT(VIO_PG)
nRST
DVDD
LDO
VT(DVDD_PG)
nRST
VCC2
GATE
DRIVE
BAND
GAP
BG_GOOD
AVDD1
LDO
VCC1
LDO
PGND
BUCK-BOOST
AVDD2
LDO
VT(AVDD_PG)
VT(UVLO)
+
–
EN/
UVLO
VCC1
EN
EN
VT(VCC,UVLO)
Figure 8-10. Functional Block Diagram Reference System
8.3.3.1 VIO LDO and nRST-PIN
The VIO LDO supplies the IO pin buffers and comparators. Once the voltage on the VIN-pin or BIAS-pin is
above the positive going POR threshold VT+(POR) and the nRST-PIN is higher than VT+(nRST) the internal
bias is active and the device is in standby mode.
When the nRST - pin is below the standby threshold VT-(nRST), the device is held in a low power shutdown mode
to maintain a minimum input quiescent current of the device supply rails.
8.3.4 Supply Voltage Selection – VSMART Switch and Selection Logic
There are two pins to supply the internal voltage regulators. Due to the internal supply voltage selection circuit,
the device can reduce the power dissipation by ensuring a seamless operation at low input or output voltages as
well as in transient operating conditions like an output short. The VSMART switch selects the pin with the lower
voltage from the VIN or BIAS pin once the voltage on both is above the switch-over threshold (VT(VCC, SUP)).
If one pin voltage is lower than the threshold, the other supply pin is selected. And if both pins are lower than
the switch-over threshold, the higher voltage of VIN or BIAS is selected as supply. The following are common
configurations for the supply pins:
• The VIN pin is connected to the supply voltage. The BIAS pin is connected to VOUT. During start-up, as long
as the output voltage is not higher than the supply switch-over threshold, VIN supplies the internal regulators.
Once VO is high enough, the supply current comes from the BIAS pin.
• The VIN is connected to the input supply voltage and the BIAS pin is connected to an auxiliary supply
(for example, an existing 12V DC/DC converter). This configuration is commonly used at high voltage
applications on the input and output voltages where the power dissipation over the integrated linear
regulators must be further minimized.
• If the BIAS pin is not used it is recommended to put BIAS to ground, the device always used the VIN LDO,
and the quiescent is minimized.
www.ti.com
LM251772
SNVSCT9 – OCTOBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: LM251772



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com