Electronic Components Datasheet Search
  English  ▼

X  

LM5177 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM5177
Description  LM251772 36V 4-Switch Buck-Boost Controller with I2C for USB-PD sourcing
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5177 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM5177 Datasheet HTML 2Page - Texas Instruments LM5177 Datasheet HTML 3Page - Texas Instruments LM5177 Datasheet HTML 4Page - Texas Instruments LM5177 Datasheet HTML 5Page - Texas Instruments LM5177 Datasheet HTML 6Page - Texas Instruments LM5177 Datasheet HTML 7Page - Texas Instruments LM5177 Datasheet HTML 8Page - Texas Instruments LM5177 Datasheet HTML 9Page - Texas Instruments LM5177 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 112 page
background image
Table 5-1. Pin Functions (continued)
PIN
I/O(1)
DESCRIPTION
NAME
NO.
ILIMCOMP/ISET
16
Compensation pin for average current limit loop. Connect an capacitor or a type 2 R-C
network if the current limit is set by the internal DAC.
If the internal DAC is disabled the pin sets the current limit threshold for the average current
limit. Connect a resistor to AGND. A parallel filter of capacitor is recommended depending
on the application requirements
Connect a resistor to AGND if the current limit is set by ISET.
Connect the ISET pin to VCC2 to disable the block and reduce the quiescent current
AGND
17
G
Analog Ground
VOUT
18
I
Output voltage sense input. Connect to the power stage output rail.
ISNSN
19
I
Negative sense input of the output or input average current sense amplifier. An optional
current sense resistor connected between ISNSN and ISNSP can be located either on the
input side or on the output side of the power stage.
In case the optional current sensor is disabled connect ISNSN and ISNSP together to
AGND
ISNSP
20
I
Positive sense input of the output or input current sense amplifier. An optional current sense
resistor connected between ISNSN and ISNSP can be placed either on the input side or on
the output side of the power stage.
In case the optional current sensor is disabled connect ISNSP to ground
CSB
21
I
Inductor peak current sense negative input. Connect CSB to the negative side of the
external current sense resistor using a Kelvin connection.
CSA
22
I
Inductor peak current sense positive input. Connect CSA to the positive side of the external
current sense resistor using a Kelvin connection.
SW1
23
P
Inductor switch node for the buck half-bridge
HO1
24
O
High-side gate driver output for the buck half-bridge
HB1
25
P
Bootstrap supply pin for buck half-bridge. An external capacitor is required between the HB1
pin and the SW1 pin, to provide bias to the high-side MOSFET gate driver.
Place the external capacitor close to the pin without any resistance between the pin and
capacitor for good decoupling
NC
26
O
Not Connected
LO1
27
O
Low-side gate driver output for the buck half-bridge
PGND
28
G
Power Ground
VCC2
29
O
Internal linear bias regulator output. Connect a ceramic decoupling capacitor from VCC to
PGND. This rail supplies the internal logic and the gate driver.
Place the external capacitor close to the pin without any resistance between the pin and
capacitor for good decoupling.
LO2
30
O
Low-side gate driver output for the boost half-bridge
HB2
31
P
Bootstrap supply pin for boost half-bridge. An external capacitor is required between the
HB2 pin and the SW2 pin, to provide bias to the high-side MOSFET gate driver
Place the external capacitor close to the pin without any resistance between the pin and
capacitor for good decoupling
HO2
32
O
High-side gate driver output for the boost half-bridge
SW2
33
P
Inductor switch node for the buck half-bridge
NC
34
O
Not Connected
DRV1
35
External FET drive pin. This pin features a high-voltage push pull stage, a open drain output
or a charge pump driver stage according to the selected configuration.
In case the optional DRV pin is not used you can leave DRV open.
VIN
36
I
The input supply and sense input of the device. Connect VIN to the supply voltage of the
power stage.
LM251772
SNVSCT9 – OCTOBER 2024
www.ti.com
6
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LM251772



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com