Electronic Components Datasheet Search
  English  ▼

X  

LM4041 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM4041
Description  LM4041 Precision Micropower Shunt Voltage Reference
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4041 Datasheet(HTML) 4 Page - Texas Instruments

  LM4041 Datasheet HTML 1Page - Texas Instruments LM4041 Datasheet HTML 2Page - Texas Instruments LM4041 Datasheet HTML 3Page - Texas Instruments LM4041 Datasheet HTML 4Page - Texas Instruments LM4041 Datasheet HTML 5Page - Texas Instruments LM4041 Datasheet HTML 6Page - Texas Instruments LM4041 Datasheet HTML 7Page - Texas Instruments LM4041 Datasheet HTML 8Page - Texas Instruments LM4041 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
5 Functional Block Diagram
CATHODE
ANODE
_
+
FB(1)
(1) LM4041x (ADJ) only
(2) LM4041x12 only
VREF(1)
(2)
(2)
Figure 5-1. Functional Block Diagram
6 Specifications
6.1 Absolute Maximum Ratings
over free-air temperature range (unless otherwise noted)
MIN
MAX(1)
UNIT
VZ
Continuous cathode voltage
15
V
IZ
Continuous cathode current
–10
25
mA
θJA
Package thermal impedance(2) (3)
DBZ package
206
°C/W
DCK package
252
LP package
156
TJ
Operating virtual junction temperature
150
°C
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
(3)
The package thermal impedance is calculated in accordance with JESD 51-7.
LM4041
SLCS146G – FEBRUARY 2005 – REVISED JULY 2024
www.ti.com
4
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LM4041



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com