Electronic Components Datasheet Search
  English  ▼

X  

LM4041 Datasheet(PDF) 11 Page - Texas Instruments

Part # LM4041
Description  LM4041 Precision Micropower Shunt Voltage Reference
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4041 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM4041 Datasheet HTML 7Page - Texas Instruments LM4041 Datasheet HTML 8Page - Texas Instruments LM4041 Datasheet HTML 9Page - Texas Instruments LM4041 Datasheet HTML 10Page - Texas Instruments LM4041 Datasheet HTML 11Page - Texas Instruments LM4041 Datasheet HTML 12Page - Texas Instruments LM4041 Datasheet HTML 13Page - Texas Instruments LM4041 Datasheet HTML 14Page - Texas Instruments LM4041 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
6.9 Typical Characteristics
−0.5
−0.4
−0.3
−0.2
−0.1
0
0.1
0.2
0.3
0.4
0.5
−40
Temperature (5C)
IZ = 150 mA
VREF = 1.2 V
−9.9 ppm/5C
2.7 ppm/5C
21 ppm/5C
−20
0
20
40
60
80
100
Figure 6-1. Temperature Drift for Different Average Temperature
Coefficients
0
200
400
600
800
1000
Frequency (Hz)
1
10
100
1k
10k
Figure 6-2. Noise Voltage vs Frequency
−0.5
0
0.5
1
1.5
2
2.5
3
−2
Time (ms)
−20
−15
−10
−5
0
5
10
15
VZ
VIN
2
6
10
14
18
22
26
Figure 6-3. Start-Up Characteristics
1.2305
1.231
1.2315
1.232
1.2325
1.233
1.2335
1.234
1.2345
1.235
Reverse (Output) Voltage (V)
0
2
4
6
8
10
LM4041 (Adj)
IZ = 1 mA
1255C
855C
−405C
255C
Figure 6-4. Reference Voltage vs Reverse (Output) Voltage (for
Different Temperatures)
www.ti.com
LM4041
SLCS146G – FEBRUARY 2005 – REVISED JULY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: LM4041



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com