Electronic Components Datasheet Search
  English  ▼

X  

LM4041 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM4041
Description  LM4041 Precision Micropower Shunt Voltage Reference
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4041 Datasheet(HTML) 5 Page - Texas Instruments

  LM4041 Datasheet HTML 1Page - Texas Instruments LM4041 Datasheet HTML 2Page - Texas Instruments LM4041 Datasheet HTML 3Page - Texas Instruments LM4041 Datasheet HTML 4Page - Texas Instruments LM4041 Datasheet HTML 5Page - Texas Instruments LM4041 Datasheet HTML 6Page - Texas Instruments LM4041 Datasheet HTML 7Page - Texas Instruments LM4041 Datasheet HTML 8Page - Texas Instruments LM4041 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
6.2 Recommended Operating Conditions
MIN
MAX
UNIT
IZ
Cathode current
(1)
12
mA
VZ
Reverse breakdown voltage (adjustable version)
10
V
TA
Free-air temperature
LM4041 (I temperature)
–40
85
°C
LM4041 (Q temperature)
–40
125
(1)
See parametric tables
6.3 LM4041x12I Electrical Characteristics
full-range TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
LM4041A12I
LM4041B12I
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
VZ
Reverse breakdown
voltage
IZ = 100μA
25°C
1.225
1.225
V
Reverse breakdown
voltage tolerance
IZ = 100μA
25°C
–1.2
1.2
–2.4
2.4
mV
Full range
–9.2
9.2 –10.4
10.4
IZ,min
Minimum cathode
current
25°C
45
75
45
75
μA
Full range
80
80
αVZ
Average temperature
coefficient of reverse
breakdown voltage
IZ = 10mA
25°C
±20
±20
ppm/°C
IZ = 1mA
25°C
±15
±15
Full range
±100
±100
IZ = 100μA
25°C
±15
±15
ΔVZ/ΔIZ
Reverse breakdown
voltage change with
cathode current change
IZ,min < IZ < 1mA
25°C
0.7
1.5
0.7
1.5
mV
Full range
2
2
1mA < IZ < 12mA
25°C
4
6
4
6
Full range
8
8
ZZ
Reverse dynamic
impedance
IZ = 1mA, f = 120Hz,
IAC = 0.1 IZ
25°C
0.5
1.5
0.5
1.5
Ω
eN
Wideband noise
IZ = 100μA,
10Hz ≤ f ≤ 10kHz
25°C
20
20
μVRMS
Long-term stability of
reverse breakdown
voltage
t = 1000 h,
TA = 25°C ± 0.1°C,
IZ = 100μA
25°C
120
120
ppm
www.ti.com
LM4041
SLCS146G – FEBRUARY 2005 – REVISED JULY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: LM4041



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com