Electronic Components Datasheet Search
  English  ▼

X  

LM4041 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM4041
Description  LM4041 Precision Micropower Shunt Voltage Reference
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4041 Datasheet(HTML) 1 Page - Texas Instruments

  LM4041 Datasheet HTML 1Page - Texas Instruments LM4041 Datasheet HTML 2Page - Texas Instruments LM4041 Datasheet HTML 3Page - Texas Instruments LM4041 Datasheet HTML 4Page - Texas Instruments LM4041 Datasheet HTML 5Page - Texas Instruments LM4041 Datasheet HTML 6Page - Texas Instruments LM4041 Datasheet HTML 7Page - Texas Instruments LM4041 Datasheet HTML 8Page - Texas Instruments LM4041 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
LM4041 Precision Micropower Shunt Voltage Reference
1 Features
• 1.225V Fixed and adjustable outputs
(1.225V to 10V)
• Tight output tolerances and low temperature
coefficient
– Maximum 0.1%, 100ppm/°C – A grade
– Maximum 0.2%, 100ppm/°C – B grade
– Maximum 0.5%, 100ppm/°C – C grade
– Maximum 1.0%, 150ppm/°C – D grade
• Low output noise . . . 20μVRMS (typical)
• Wide operating current range . . .
45μA (typical) to 12mA
• Stable with all capacitive loads; no output
capacitor required
• Available in
– Industrial temperature: –40°C to 85°C
– Extended temperature: –40°C to 125°C
2 Applications
• Data-Acquisition Systems
• Power Supplies and Power-Supply Monitors
• Instrumentation and Test Equipment
• Process Control
• Precision Audio
• Automotive Electronics
• Energy Management/Metering
• Battery-Powered Equipment
3 Description
The LM4041 series of shunt voltage references are
versatile, easy-to-use references designed for a wide
array of applications. These parts do not require
external capacitors for operation and are stable
with all capacitive loads. Additionally, the reference
offers low dynamic impedance, low noise, and a low
temperature coefficient to maintain a stable output
voltage over a wide range of operating currents and
temperatures. The LM4041 uses fuse and Zener-zap
reverse breakdown voltage trim during wafer sort
to offer four output voltage tolerances, ranging from
0.1% (maximum) for the A grade to 1% (maximum) for
the D grade. Thus, a great deal of flexibility is offered
to designers in choosing the best cost-to-performance
ratio for applications. The LM4041 is available in
a fixed (1.225V nominal) or an adjustable version
(which requires an external resistor divider to set the
output to a value between 1.225V and 10V).
Packaged in space-saving SC-70 and SOT-23-3 and
requiring a minimum current of 45μA (typical), the
LM4041 also designed for portable applications. The
TO-92 package also is available for through-hole
packaging needs. The LM4041xI is characterized for
operation over an ambient temperature range of –
40°C to 85°C. The LM4041xQ is characterized for
operation over an ambient temperature range of –
40°C to 125°C.
LM4041
SLCS146G – FEBRUARY 2005 – REVISED JULY 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM4041

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4041 NSC-LM4041 Datasheet
277Kb / 19P
Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041 TI-LM4041 Datasheet
509Kb / 24P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
LM4041 TI-LM4041 Datasheet
501Kb / 24P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
logo
Zetex Semiconductors
LM4041 ZETEX-LM4041 Datasheet
106Kb / 6P
1.225V Precision micropower shunt voltage reference
logo
Texas Instruments
LM4041 TI-LM4041 Datasheet
664Kb / 28P
PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE
More results

Similar Description - LM4041

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4051 NSC-LM4051 Datasheet
301Kb / 14P
Precision Micropower Shunt Voltage Reference
LM4050 NSC-LM4050 Datasheet
287Kb / 15P
Precision Micropower Shunt Voltage Reference
logo
Texas Instruments
LM4041-N TI1-LM4041-N Datasheet
806Kb / 21P
LM4041 Precision Micropower Shunt Voltage Reference
LM4041BIM3-12 TI1-LM4041BIM3-12 Datasheet
1Mb / 34P
LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-N-Q1 TI1-LM4041-N-Q1 Datasheet
1Mb / 34P
LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041CIM3-ADJ TI1-LM4041CIM3-ADJ Datasheet
1Mb / 34P
LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-N-Q1 TI1-LM4041-N-Q1 Datasheet
1Mb / 34P
LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-1 TI-LM4041-1 Datasheet
1Mb / 34P
LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-N-Q1 TI-LM4041-N-Q1_15 Datasheet
1Mb / 35P
LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-N TI-LM4041-N_15 Datasheet
1Mb / 35P
LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com