Electronic Components Datasheet Search
  English  ▼

X  

LM4041 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM4041
Description  LM4041 Precision Micropower Shunt Voltage Reference
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4041 Datasheet(HTML) 2 Page - Texas Instruments

  LM4041 Datasheet HTML 1Page - Texas Instruments LM4041 Datasheet HTML 2Page - Texas Instruments LM4041 Datasheet HTML 3Page - Texas Instruments LM4041 Datasheet HTML 4Page - Texas Instruments LM4041 Datasheet HTML 5Page - Texas Instruments LM4041 Datasheet HTML 6Page - Texas Instruments LM4041 Datasheet HTML 7Page - Texas Instruments LM4041 Datasheet HTML 8Page - Texas Instruments LM4041 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
4 Pin Configuration and Functions
1.2 V
1
2
–
+
3*
Figure 4-1. DBZ Package 3-Pin SOT-23 Top View
1
2
3
N/C*
t
+
5
N/C
4
N/C
Figure 4-2. DCK Package 5-Pin SC70 Top View
+
–
3
2
1
*
1.2V
Figure 4-3. LP Package 3-Pin TO-92 Bottom View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
SOT-23
SC70
TO-92
Anode
2
1
1
O
Anode pin, normally grounded
Cathode
1
3
2
I/O
Shunt current and output voltage
FB
—
—
—
I
Feedback pin for adjustable output voltage
NC*
3
2
3
—
**Must float or connect to anode
NC
—
4, 5
—
—
No connect
LM4041
SLCS146G – FEBRUARY 2005 – REVISED JULY 2024
www.ti.com
2
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: LM4041



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com