Electronic Components Datasheet Search
  English  ▼

X  

PM7367-PI Datasheet(PDF) 218 Page - PMC-Sierra, Inc

Part # PM7367-PI
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367-PI Datasheet(HTML) 218 Page - PMC-Sierra, Inc

Back Button PM7367-PI Datasheet HTML 214Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 215Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 216Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 217Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 218Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 219Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 220Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 221Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 222Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
204
CHAN[4:0]:
The indirect channel number bits (CHAN[4:0]) indicate the channel to be
configured or interrogated in the indirect access.
CRWB:
The channel indirect access control bit (CRWB) selects between a configure
(write) or interrogate (read) access to the channel provision RAM. Writing a
logic zero to CRWB triggers an indirect write operation. Data to be written is
taken from the Indirect Channel Data registers. Writing a logic one to CRWB
triggers an indirect read operation. The data read can be found in the Indirect
Channel Data registers.
BUSY:
The indirect access status bit (BUSY) reports the progress of an indirect
access. BUSY is set high when this register is written to trigger an indirect
access, and will stay high until the access is complete. At which point, BUSY
will be set low. This register should be polled to determine when data from an
indirect read operation is available in the THDL Indirect Channel Data #1, #2
and #3 registers or to determine when a new indirect write operation may
commence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com