Electronic Components Datasheet Search
  English  ▼

X  

PM7367-PI Datasheet(PDF) 221 Page - PMC-Sierra, Inc

Part # PM7367-PI
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367-PI Datasheet(HTML) 221 Page - PMC-Sierra, Inc

Back Button PM7367-PI Datasheet HTML 217Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 218Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 219Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 220Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 221Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 222Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 223Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 224Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 225Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 221 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
207
CRC[1]
CRC[0]
Operation
0
1
CRC-CCITT
1
0
CRC-32
1
1
Reserved
PROV:
The indirect provision enable bit (PROV) reports the channel provision enable
flag read from the channel provision RAM after an indirect channel read
operation has completed. The provision enable flag to be written to the
channel provision RAM, in an indirect write operation, must be set up in this
register before triggering the write. When PROV is set high, the HDLC
processor will service requests for data from the TCAS block. When PROV is
set low, the HDLC processor will ignore requests from the TCAS block.
PROV reflects the value written until the completion of a subsequent indirect
channel read operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com