| Electronic Components Datasheet Search |
|
PM7367-PI Datasheet(PDF) 228 Page - PMC-Sierra, Inc |
|
|
|||||||||||||||||||||||||||||
PM7367-PI Datasheet(HTML) 228 Page - PMC-Sierra, Inc |
|
228 / 323 page ![]() PM7367 FREEDM-32P32 DATA SHEET PMC-1991499 ISSUE 2 FRAME ENGINE AND DATA LINK MANAGER PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE 214 The HDLC processor starts transmitting a packet when the channel FIFO free space is less than or equal to the level specified in the appropriate Start Transmission Level column of the following table or when an end of a packet is stored in the channel FIFO. When the channel FIFO free space is greater than the level specified in the Expedite Trigger Level column of the following table and the HDLC processor is transmitting a packet and an end of a packet is not stored in the channel FIFO, the partial packet buffer makes expedited requests to the TMAC to retrieve XFER[2:0] + 1 blocks of data. To prevent lockup, the channel transfer size (XFER[2:0]) can be configured to be less than or equal to the start transmission level set by LEVEL[3:0] and TRANS. Alternatively, the channel transfer size can be set, such that, the total number of blocks in the logical channel FIFO minus the start transmission level is an integer multiple of the channel transfer size. Table 24 – Level[3:0]/TRANS Settings LEVEL[3:0] Expedite Trigger Level Start Transmission Level (TRANS=0) Start Transmission Level (TRANS=1) 0000 2 Blocks (32 bytes free) 1 Block (16 bytes free) 1 Block (16 bytes free) 0001 3 Blocks (48 bytes free) 2 Blocks (32 bytes free) 1 Block (16 bytes free) 0010 4 Blocks (64 bytes free) 3 Blocks (48 bytes free) 2 Blocks (32 bytes free) 0011 6 Blocks (96 bytes free) 4 Blocks (64 bytes free) 3 Blocks (48 bytes free) 0100 8 Blocks (128 bytes free) 6 Blocks (96 bytes free) 4 Blocks (64 bytes free) 0101 12 Blocks (192 bytes free) 8 Blocks (128 bytes free) 6 Blocks (96 bytes free) 0110 16 Blocks (256 bytes free) 12 Blocks (192 bytes free) 8 Blocks (128 bytes free) 0111 24 Blocks (384 bytes free) 16 Blocks (256 bytes free) 12 Blocks (192 bytes free) 1000 32 Blocks (512 bytes free) 24 Blocks (384 bytes free) 16 Blocks (256 bytes free) 1001 48 Blocks (768 bytes free) 32 Blocks (512 bytes free) 24 Blocks (384 bytes free) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |