Electronic Components Datasheet Search
  English  ▼

X  

PM7367-PI Datasheet(PDF) 231 Page - PMC-Sierra, Inc

Part # PM7367-PI
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367-PI Datasheet(HTML) 231 Page - PMC-Sierra, Inc

Back Button PM7367-PI Datasheet HTML 227Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 228Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 229Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 230Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 231Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 232Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 233Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 234Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 235Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
217
BLOCK[8:0]:
The indirect block number (BLOCK[8:0]) indicate the block to be configured
or interrogated in the indirect access.
BRWB:
The block indirect access control bit (BRWB) selects between a configure
(write) or interrogate (read) access to the block pointer RAM. Writing a logic
zero to BRWB triggers an indirect block write operation. Data to be written is
taken from the Indirect Block Data register. Writing a logic one to BRWB
triggers an indirect block read operation. The data read can be found in the
Indirect Block Data register.
BUSY:
The indirect access status bit (BUSY) reports the progress of an indirect
access. BUSY is set high when this register is written to trigger an indirect
access, and will stay high until the access is complete. At which point, BUSY
will be set low. This register should be polled to determine when data from an
indirect read operation is available in the THDL Indirect Block Data register or
to determine when a new indirect write operation may commence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com