Electronic Components Datasheet Search
  English  ▼

X  

PM7367-PI Datasheet(PDF) 234 Page - PMC-Sierra, Inc

Part # PM7367-PI
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367-PI Datasheet(HTML) 234 Page - PMC-Sierra, Inc

Back Button PM7367-PI Datasheet HTML 230Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 231Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 232Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 233Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 234Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 235Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 236Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 237Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 238Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
220
Register 0x3B0 : THDL Configuration
Bit
Type
Function
Default
Bit 31
to
Bit 16
Unused
XXXXH
Bit 15
Unused
X
Bit 14
Unused
X
Bit 13
Unused
X
Bit 12
Unused
X
Bit 11
Unused
X
Bit 10
Unused
X
Bit 9
R/W
BIT8
0
Bit 8
R/W
TSTD
0
Bit 7
R/W
BURSTEN
0
Bit 6
Unused
X
Bit 5
Unused
X
Bit 4
Unused
X
Bit 3
Unused
X
Bit 2
R/W
BURST[2]
0
Bit 1
R/W
BURST[1]
0
Bit 0
R/W
BURST[0]
0
This register configures all provisioned channels.
Note
This register is not byte addressable. Writing to this register modifies all the bits
in the register. Byte selection using byte enable signals (CBEB[3:0]) are not
implemented. However, when all four byte enables are negated, no access is
made to this register.
BURST[2:0]:
The DMA burst length bits (BURST[2:0]) configure the maximum amount of
transmit data that can be requested in a single DMA transaction for channels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com