Electronic Components Datasheet Search
  English  ▼

X  

PM7367-PI Datasheet(PDF) 233 Page - PMC-Sierra, Inc

Part # PM7367-PI
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367-PI Datasheet(HTML) 233 Page - PMC-Sierra, Inc

Back Button PM7367-PI Datasheet HTML 229Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 230Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 231Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 232Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 233Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 234Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 235Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 236Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 237Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 233 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
219
BPTR[8:0]:
The indirect block pointer (BPTR[8:0]) configures the block pointer of the
block specified by the Indirect Block Select register. The block pointer to be
written to the transmit block pointer RAM, in an indirect write operation, must
be set up in this register before triggering the write. The block pointer value is
the block number of the next block in the linked list. A circular list of blocks
must be formed in order to use the block list as a channel FIFO buffer.
FPTR[8:0] reflects the value written until the completion of a subsequent
indirect block read operation.
When provisioning a channel FIFO, all blocks pointers must be re-written to
properly initialize the FIFO.
Reserved:
The reserved bit (Reserved) must be set low for correct operation of the
FREEDM-32P32 device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com