Electronic Components Datasheet Search
  English  ▼

X  

PM7367-PI Datasheet(PDF) 239 Page - PMC-Sierra, Inc

Part # PM7367-PI
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367-PI Datasheet(HTML) 239 Page - PMC-Sierra, Inc

Back Button PM7367-PI Datasheet HTML 235Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 236Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 237Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 238Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 239Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 240Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 241Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 242Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 243Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 239 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
225
CHAN[4:0]:
The indirect data bits (CHAN[4:0]) report the channel number read from the
transmit channel provision RAM after an indirect read operation has
completed. Channel number to be written to the transmit channel provision
RAM in an indirect write operation must be set up in this register before
triggering the write. CHAN[4:0] reflects the value written until the completion
of a subsequent indirect read operation.
PROV:
The indirect provision enable bit (PROV) reports the channel provision enable
flag read from transmit channel provision RAM after an indirect read
operation has completed. The provision enable flag to be written to the
transmit channel provision RAM in an indirect write operation must be set up
in this register before triggering the write. When PROV is set high, the
current time-slot is assigned to the channel as indicated by CHAN[4:0].
When PROV is set low, the time-slot does not belong to any channel. The
transmit link data is set to the contents of the Idle Time-slot Fill Data register.
PROV reflects the value written until the completion of a subsequent indirect
read operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com