Electronic Components Datasheet Search
  English  ▼

X  

PM7367-PI Datasheet(PDF) 241 Page - PMC-Sierra, Inc

Part # PM7367-PI
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367-PI Datasheet(HTML) 241 Page - PMC-Sierra, Inc

Back Button PM7367-PI Datasheet HTML 237Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 238Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 239Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 240Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 241Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 242Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 243Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 244Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 245Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
227
FTHRES[6:0]:
The framing bit threshold bits (FTHRES[6:0]) contains the threshold used by
the clock activity monitor to detect for the presence of framing bits. A counter
in the clock activity monitor of each receive link increments at each SYSCLK
and is cleared, when the BSYNC bit of that link is set low, by each rising edge
of the corresponding TCLK[n]. When the BSYNC bit of that link is set high,
the counter is cleared at every fourth rising edge of the corresponding
TCLK[n]. When the counter exceeds the threshold given by FTHRES[6:0], a
framing bit/byte has been detected. FTHRES[6:0] should be set as a function
of the SYSCLK period and the expected gapping width of TCLK[n] during
data bits and during framing bits/bytes. Legal range of FTHRES[6:0] is
'b0000001 to 'b1111110.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com