Electronic Components Datasheet Search
  English  ▼

X  

PM7367-PI Datasheet(PDF) 267 Page - PMC-Sierra, Inc

Part # PM7367-PI
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367-PI Datasheet(HTML) 267 Page - PMC-Sierra, Inc

Back Button PM7367-PI Datasheet HTML 263Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 264Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 265Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 266Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 267Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 268Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 269Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 270Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 271Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 267 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
253
bits is used to record status information for PCI bus related events. Reads to the
status portion of this register behave normally. Writes are slightly different in that
bits can be reset, but not set. A bit is reset whenever the register is written, and
the data in the corresponding bit location is a 1.
IOCNTRL:
When IOCNTRL is set to zero, the GPIC will not respond to PCI bus I/O
accesses.
MCNTRL:
When MCNTRL is set to one, the GPIC will respond to PCI bus memory
accesses. Clearing MCNTRL disables memory accesses.
MSTREN:
When MSTREN is set to one, the GPIC can act as a Master. Clearing
MSTREN disables the GPIC from becoming a Master.
SPCEN:
The GPIC does not decode PCI special cycles. The SPCEN bit is forced low.
MWAI:
The GPIC does not generate memory-write-and-invalidate commands. The
MWAI bit is forced low.
VGASNP:
The GPIC is not a VGA device. The VGASNP bit is forced low.
PERREN:
When the PERREN bit is set to one, the GPIC can report parity errors.
Clearing the PERREN bit causes the GPIC to ignore parity errors.
ADSTP:
The GPIC does not perform address and data stepping. The ADSTP bit is
forced low.
SERREN:
When the SERREN bit is set high, the GPIC can drive the SERRB line.
Clearing the SERREN bit disables the SERRB line. SERREN and PERREN
must be set to report an address parity error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com