Electronic Components Datasheet Search
  English  ▼

X  

PM7367-PI Datasheet(PDF) 270 Page - PMC-Sierra, Inc

Part # PM7367-PI
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367-PI Datasheet(HTML) 270 Page - PMC-Sierra, Inc

Back Button PM7367-PI Datasheet HTML 266Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 267Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 268Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 269Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 270Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 271Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 272Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 273Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 274Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 270 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
256
Register 0x08 : Revision Identifier/Class Code
Bit
Type
Function
Default
Bit 31
to
Bit 24
R
CCODE[23:16]
02H
Bit 23
to
Bit 16
R
CCODE[15:8]
80H
Bit 15
to
Bit 8
R
CCODE[7:0]
00H
Bit 7
to
Bit 0
R
REVID[7:0]
00H
REVID[7:0]:
The Revision Identifier (REVID[7:0]) bits specify a device specific revision
identifier and are chosen by PMC-Sierra.
CCODE[23:0]:
The class code (CCODE[23:0]) bits are divided into three groupings:
CCODE[23:16] define the base class of the device, CCODE[15:8] define the
sub-class of the device and CCODE[7:0] specify a register specific
programming interface.
Note:
Base Class Code:
02H
Network Controller
Sub-Class Code:
80H
Other Controllers
Register Class Code:
00H
None defined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com