Electronic Components Datasheet Search
  English  ▼

X  

PM7367-PI Datasheet(PDF) 272 Page - PMC-Sierra, Inc

Part # PM7367-PI
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367-PI Datasheet(HTML) 272 Page - PMC-Sierra, Inc

Back Button PM7367-PI Datasheet HTML 268Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 269Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 270Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 271Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 272Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 273Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 274Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 275Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 276Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 272 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
258
Register 0x10 : CBI Memory Base Address Register
Bit
Type
Function
Default
Bit 31
to
Bit 12
R/W
BSAD[27:8]
00000H
Bit 11
to
Bit 4
R
BSAD[7:0]
00H
Bit 3
R
PRFTCH
0
Bit 2
R
TYPE[1]
0
Bit 1
R
TYPE[0]
0
Bit 0
R
MSI
0
The GPIC supports memory mapping only. At boot-up the internal registers
space is mapped to memory space. The device driver can disable memory space
through the PCI Configuration Command register.
MSI:
MSI is forced low to indicate that the internal registers map into memory
space.
TYPE[1:0]:
The TYPE field indicates where the internal registers can be mapped. The
encoding 00B indicates the registers may be located anywhere in the 32 bit
address space, 01B indicates that the registers must be mapped below 1
Meg in memory space, 10B indicates the base register is 64 bits and the
encoding 11B is reserved.
The TYPE field is set to 00B to indicate that the CBI registers can be mapped
anywhere in the 32 bit address space.
PRFTCH:
The Prefetchable (PRFTCH) bit is set if there are no side effects on reads
and data is returned on all the lanes regardless of the byte enables.
Otherwise the bit is cleared. TSBs contain registers, such as interrupt status
registers, in which bits are cleared on a read. If the PCI Host is caching data
there is a possibility an interrupt status could be lost if data is prefetched, but
the cache is flushed and the data is not used. The PRFTCH bit is forced low
to indicate that prefetching of data is not supported for internal registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com