Electronic Components Datasheet Search
  English  ▼

X  

PM7367-PI Datasheet(PDF) 293 Page - PMC-Sierra, Inc

Part # PM7367-PI
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367-PI Datasheet(HTML) 293 Page - PMC-Sierra, Inc

Back Button PM7367-PI Datasheet HTML 289Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 290Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 291Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 292Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 293Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 294Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 295Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 296Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 297Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 293 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
279
The boundary scan architecture consists of a TAP controller, an instruction
register with instruction decode, a bypass register, a device identification register
and a boundary scan register. The TAP controller interprets the TMS input and
generates control signals to load the instruction and data registers. The
instruction register with instruction decode block is used to select the test to be
executed and/or the register to be accessed. The bypass register offers a single
bit delay from primary input, TDI to primary output , TDO. The device
identification register contains the device identification code.
The boundary scan register allows testing of board inter-connectivity. The
boundary scan register consists of a shift register placed in series with device
inputs and outputs. Using the boundary scan register, all digital inputs can be
sampled and shifted out on primary output TDO. In addition, patterns can be
shifted in on primary input, TDI and forced onto all digital outputs.
TAP Controller
The TAP controller is a synchronous finite state machine clocked by the rising
edge of primary input, TCK. All state transitions are controlled using primary
input, TMS. The finite state machine is described below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com