Electronic Components Datasheet Search
  English  ▼

X  

PM7367-PI Datasheet(PDF) 295 Page - PMC-Sierra, Inc

Part # PM7367-PI
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367-PI Datasheet(HTML) 295 Page - PMC-Sierra, Inc

Back Button PM7367-PI Datasheet HTML 291Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 292Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 293Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 294Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 295Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 296Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 297Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 298Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 299Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 295 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
281
Test-Logic-Reset
The test logic reset state is used to disable the TAP logic when the device is in
normal mode operation. The state is entered asynchronously by asserting input,
TRSTB. The state is entered synchronously regardless of the current TAP
controller state by forcing input, TMS high for 5 TCK clock cycles. While in this
state, the instruction register is set to the IDCODE instruction.
Run-Test-Idle
The run test/idle state is used to execute tests.
Capture-DR
The capture data register state is used to load parallel data into the test data
registers selected by the current instruction. If the selected register does not
allow parallel loads or no loading is required by the current instruction, the test
register maintains its value. Loading occurs on the rising edge of TCK.
Shift-DR
The shift data register state is used to shift the selected test data registers by
one stage. Shifting is from MSB to LSB and occurs on the rising edge of TCK.
Update-DR
The update data register state is used to load a test register's parallel output
latch. In general, the output latches are used to control the device. For
example, for the EXTEST instruction, the boundary scan test register's parallel
output latches are used to control the device's outputs. The parallel output
latches are updated on the falling edge of TCK.
Capture-IR
The capture instruction register state is used to load the instruction register with
a fixed instruction. The load occurs on the rising edge of TCK.
Shift-IR
The shift instruction register state is used to shift both the instruction register and
the selected test data registers by one stage. Shifting is from MSB to LSB and
occurs on the rising edge of TCK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com