Electronic Components Datasheet Search
  English  ▼

X  

PM7367-PI Datasheet(PDF) 120 Page - PMC-Sierra, Inc

Part # PM7367-PI
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367-PI Datasheet(HTML) 120 Page - PMC-Sierra, Inc

Back Button PM7367-PI Datasheet HTML 116Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 117Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 118Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 119Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 120Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 121Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 122Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 123Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 124Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
106
Register 0x040 : GPIC Control
Bit
Type
Function
Default
Bit 31
to
Bit 16
Unused
XXXXH
Bit 15
Unused
X
Bit 14
Unused
X
Bit 13
Unused
X
Bit 12
R/W
RPWTH[4]
0
Bit 11
R/W
RPWTH[3]
0
Bit 10
R/W
RPWTH[2]
0
Bit 9
R/W
RPWTH[1]
0
Bit 8
R/W
RPWTH[0]
0
Bit 7
Unused
X
Bit 6
Unused
X
Bit 5
Unused
X
Bit 4
Unused
X
Bit 3
R/W
PONS_E
0
Bit 2
R/W
SOE_E
0
Bit 1
R/W
LENDIAN
1
Bit 0
R/W
Reserved
0
This register configures the operation of the GPIC.
Note
This register is not byte addressable. Writing to this register modifies all the bits
in the register. Byte selection using byte enable signals (CBEB[3:0]) are not
implemented. However, when all four byte enables are negated, no access is
made to this register.
Reserved:
The Reserved bit must be set low for correct operation of the FREEDM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com