Electronic Components Datasheet Search
  English  ▼

X  

PM7367-PI Datasheet(PDF) 124 Page - PMC-Sierra, Inc

Part # PM7367-PI
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367-PI Datasheet(HTML) 124 Page - PMC-Sierra, Inc

Back Button PM7367-PI Datasheet HTML 120Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 121Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 122Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 123Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 124Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 125Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 126Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 127Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 128Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
110
TSLOT[4:0]:
The indirect time-slot number bits (TSLOT[4:0]) indicate the time-slot to be
configured or interrogated in the indirect access. For a channelised T1 link,
time-slots 1 to 24 are valid. For a channelised E1 link, time-slots 1 to 31 are
valid. For unchannelised links, only time-slot 0 is valid.
LINK[4:0]:
The indirect link number bits (LINK[4:0]) select amongst the 32 receive links
to be configured or interrogated in the indirect access.
RWB:
The indirect access control bit (RWB) selects between a configure (write) or
interrogate (read) access to the channel provision RAM. The address to the
channel provision RAM is constructed by concatenating the TSLOT[4:0] and
LINK[4:0] bits. Writing a logic zero to RWB triggers an indirect write
operation. Data to be written is taken from the PROV, the CDLBEN and the
CHAN[4:0] bits of the RCAS Indirect Channel Data register. Writing a logic
one to RWB triggers an indirect read operation. Addressing of the RAM is the
same as in an indirect write operation. The data read can be found in the
PROV, the CDLBEN and the CHAN[4:0] bits of the RCAS Indirect Channel
Data register.
BUSY:
The indirect access status bit (BUSY) reports the progress of an indirect
access. BUSY is set high when this register is written to trigger an indirect
access, and will stay high until the access is complete. At which point, BUSY
will be set low. This register should be polled to determine when data from an
indirect read operation is available in the RCAS Indirect Channel Data
register or to determine when a new indirect write operation may commence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com