Electronic Components Datasheet Search
  English  ▼

X  

PM7367-PI Datasheet(PDF) 142 Page - PMC-Sierra, Inc

Part # PM7367-PI
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367-PI Datasheet(HTML) 142 Page - PMC-Sierra, Inc

Back Button PM7367-PI Datasheet HTML 138Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 139Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 140Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 141Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 142Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 143Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 144Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 145Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 146Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
128
FPTR[8:0]:
The indirect FIFO block pointer (FPTR[8:0]) identifies one of the blocks of the
circular linked list in the partial packet buffer used in the logical FIFO of the
current channel. The FIFO pointer to be written to the channel provision
RAM, in an indirect write operation, must be set up in this register before
triggering the write. The FIFO pointer value can be any one of the blocks
provisioned to form the circular buffer.
TAVAIL:
The indirect transaction available bit (TAVAIL) reports the fill level of the
partial packet buffer used in the logical FIFO of the current channel. TAVAIL
is set high when the FIFO of the current channel contains sufficient data, as
controlled by XFER[2:0], to request a DMA transfer to the host memory.
TAVAIL is set low when the amount of receive data is too small to require a
transfer to host memory. TAVAIL is update by an indirect channel read
operation.
DELIN:
The indirect delineate enable bit (DELIN) configures the HDLC processor to
perform flag sequence delineation and bit de-stuffing on the incoming data
stream. The delineate enable bit to be written to the channel provision RAM,
in an indirect channel write operation, must be set up in this register before
triggering the write. When DELIN is set high, flag sequence delineation and
bit de-stuffing is performed on the incoming data stream. When DELIN is set
low, the HDLC processor does not perform any processing (flag sequence
delineation, bit de-stuffing nor CRC verification) on the incoming stream.
DELIN reflects the value written until the completion of a subsequent indirect
channel read operation.
STRIP:
The indirect frame check sequence discard bit (STRIP) configures the HDLC
processor to remove the CRC from the incoming frame when writing the data
to the channel FIFO. The FCS discard bit to be written to the channel
provision RAM, in an indirect channel write operation, must be set up in this
register before triggering the write. When STRIP is set high and CRC[1:0] is
not equal to "00", the received CRC value is not written to the FIFO. When
STRIP is set low, the received CRC value is written to the FIFO. The bytes in
buffer field of the RPD correctly reflect the presence/absence of CRC bytes in
the buffer. The value of STRIP is ignored when DELIN is low. STRIP reflects
the value written until the completion of a subsequent indirect channel read
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com