Electronic Components Datasheet Search
  English  ▼

X  

PM7367-PI Datasheet(PDF) 146 Page - PMC-Sierra, Inc

Part # PM7367-PI
Description  FRAME ENGINE AND DATA LINK MANAGER
PDF  323 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7367-PI Datasheet(HTML) 146 Page - PMC-Sierra, Inc

Back Button PM7367-PI Datasheet HTML 142Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 143Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 144Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 145Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 146Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 147Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 148Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 149Page - PMC-Sierra, Inc PM7367-PI Datasheet HTML 150Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 323 page
background image
PM7367 FREEDM-32P32
DATA SHEET
PMC-1991499
ISSUE 2
FRAME ENGINE AND DATA LINK MANAGER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMER’S INTERNAL USE
132
Channel FIFOs with PRIORITY set to one are serviced by the RMAC before
channel FIFOs with PRIORITY set to zero. Channels with an HDLC data rate
to FIFO size ratio that is significantly higher than other channels should have
PRIORITY set to one. PRIORITY reflects the value written until the
completion of a subsequent indirect channel read operation.
7BIT:
The 7BIT enable bit (7BIT) configures the HDLC processor to ignore the least
significant bit of each octet in the corresponding link RD[n]. The value of
7BIT to be written to the channel provision RAM, in an indirect channel write
operation, must be set up in this register before triggering the write. When
7BIT is set high, the least significant bit (last bit of each octet received), is
ignored. When 7BIT is set low, the entire receive data stream is processed.
7BIT reflects the value written until the completion of a subsequent indirect
channel read operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com