Electronic Components Datasheet Search
  English  ▼

X  

PM7375 Datasheet(PDF) 39 Page - PMC-Sierra, Inc

Part # PM7375
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375 Datasheet(HTML) 39 Page - PMC-Sierra, Inc

Back Button PM7375 Datasheet HTML 35Page - PMC-Sierra, Inc PM7375 Datasheet HTML 36Page - PMC-Sierra, Inc PM7375 Datasheet HTML 37Page - PMC-Sierra, Inc PM7375 Datasheet HTML 38Page - PMC-Sierra, Inc PM7375 Datasheet HTML 39Page - PMC-Sierra, Inc PM7375 Datasheet HTML 40Page - PMC-Sierra, Inc PM7375 Datasheet HTML 41Page - PMC-Sierra, Inc PM7375 Datasheet HTML 42Page - PMC-Sierra, Inc PM7375 Datasheet HTML 43Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
23
8.3
PCI Host Interface Signals (52)
Pin
Name
Type
Pin
No.
Feature
PCICLK
Input
198
The PCI clock (PCICLK) provides timing for PCI bus
accesses. PCICLK should be nominally a 50% duty
cycle 0 to 33 MHz clock.
PCICLKO
Output
196
The PCI clock output (PCICLKO) is a buffered version
of the PCI clock input, PCICLK. PCICLKO can be used
to drive the SYSCLK input.
ROMP
Input
132
The ROMP input can be used to indicate whether an
Expansion ROM is present or not. If ROMP is logic
one, an expansion ROM is assumed to be present on
the LASAR-155 local bus and the Expansion ROM
Base Address register operates normally. If ROMP is
logic zero, the XRBS bits in the Expansion ROM Base
Address register is zeroed out indicating there is no
expansion ROM. ROMP must be used to allow
Interoperability with some BIOs implementations.
ROMP has an integral pull up resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com