Electronic Components Datasheet Search
  English  ▼

X  

PM7375 Datasheet(PDF) 49 Page - PMC-Sierra, Inc

Part # PM7375
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375 Datasheet(HTML) 49 Page - PMC-Sierra, Inc

Back Button PM7375 Datasheet HTML 45Page - PMC-Sierra, Inc PM7375 Datasheet HTML 46Page - PMC-Sierra, Inc PM7375 Datasheet HTML 47Page - PMC-Sierra, Inc PM7375 Datasheet HTML 48Page - PMC-Sierra, Inc PM7375 Datasheet HTML 49Page - PMC-Sierra, Inc PM7375 Datasheet HTML 50Page - PMC-Sierra, Inc PM7375 Datasheet HTML 51Page - PMC-Sierra, Inc PM7375 Datasheet HTML 52Page - PMC-Sierra, Inc PM7375 Datasheet HTML 53Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
33
D[0]
D[1]
D[2]
D[3]
D[4]
D[5]
D[6]
D[7]
D[8]
D[9]/A[9]
D[10]/A[10]
D[11]/A[11]
D[12]/A[12]
D[13]/A[13]
D[14]/A[14]
D[15]/A[15]
I/O
164
167
168
169
170
171
172
173
174
188
189
190
191
192
193
194
For slave mode operation the bi-directional data bus
D[15:0] is used during LASAR-155 Microprocessor
Interface Port register read and write accesses.
Little-endian byte formatting is used. D[15:8] should
contain the most significant byte of a word while D[7:0]
should contain the least significant byte of a word.
For master mode operation, only D[7:0] is used for
LASAR-155 Local Bus accesses data transfers.
A[15:9] are configured as outputs and supply the most
significant seven bits of the address on the LASAR-155
Local Bus. For this mode of operation A[15:9] are
updated on the rising edge of PCICLK. Note, D[8] is
not used and should be pulled high.
A[0]
A[1]
A[2]
A[3]
A[4]
A[5]
A[6]
A[7]
A[8]
I/O
175
176
177
178
179
180
181
186
187
For slave mode operation the address bus A[8:0] is
configured as inputs. A[8:0] selects specific
Microprocessor Interface Port registers during
LASAR-155 register accesses. A[8] is the Test Register
Select (TRS) address pin. TRS selects between normal
and test mode register accesses. TRS is high during
test mode register accesses, and is low during normal
mode register accesses.
For master mode operation the A[8:0] bus is configured
as an output. A[8:0] supplies the least significant nine
bits of the address on the LASAR-155 Local Bus. For
this mode of operation A[8:0] are updated on the rising
edge of PCICLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com