Electronic Components Datasheet Search
  English  ▼

X  

PM7375 Datasheet(PDF) 61 Page - PMC-Sierra, Inc

Part # PM7375
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375 Datasheet(HTML) 61 Page - PMC-Sierra, Inc

Back Button PM7375 Datasheet HTML 57Page - PMC-Sierra, Inc PM7375 Datasheet HTML 58Page - PMC-Sierra, Inc PM7375 Datasheet HTML 59Page - PMC-Sierra, Inc PM7375 Datasheet HTML 60Page - PMC-Sierra, Inc PM7375 Datasheet HTML 61Page - PMC-Sierra, Inc PM7375 Datasheet HTML 62Page - PMC-Sierra, Inc PM7375 Datasheet HTML 63Page - PMC-Sierra, Inc PM7375 Datasheet HTML 64Page - PMC-Sierra, Inc PM7375 Datasheet HTML 65Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
45
9.2.3 Receive Path Overhead Processor
The Receive Path Overhead Processor (RPOP) provides pointer interpretation,
extraction of path overhead, extraction of the synchronous payload envelope, path
level alarm detection (LOP, path AIS, RDI) and performance monitoring. Pointer
interpretation conforms to both Bellcore and ETSI standards.
The RPOP interprets the incoming pointer (H1, H2) as specified in the references.
Loss of pointer (LOP) in the incoming STS-3c (STM-1) or STS-1 is declared as a
result of eight consecutive invalid pointers or eight consecutive NDF enabled
indications. LOP is removed when the same valid pointer with normal NDF is
detected for three consecutive frames. Path Alarm Indication Signal (PAIS) in the
incoming STS-1/3c stream is declared after three consecutive AIS indications. PAIS
is removed when the same valid pointer with normal NDF is detected for three
consecutive frames or when a valid pointer with NDF enabled is detected. Path
Remote Defect Indication (RDI) is raise when bit 5 of the path G1 byte is set high for
five consecutive frames. Path RDI is cleared when bit 5 is low for five consecutive
frames.
Path BIP-8 calculation and verification is automatically performed with errors
accumulated into an internal saturating one second (STS-3c (STM-1) rate) counter.
Accumulation of path far end block error (FEBE) indications into an internal
saturating one second (STS-3c rate) counter is also provided.
9.3
Receive ATM Cell Processor
The Receive ATM Cell Processor (RACP) performs ATM cell delineation, provides
cell filtering based on idle/unassigned cell detection, cell filtering based on HEC
error detection, Generic Flow Control (GFC) field extraction, ATM layer alarm
detection (OCD, LCD) and performs ATM cell payload descrambling.
In addition, the number of received assigned cells is accumulated in a one second
(STS-3c/STM-1 rate) saturating counter.
9.3.1 Cell Delineation
Cell Delineation is the process of framing to ATM cell boundaries using the header
error code (HEC) field found in the cell header. The HEC is a CRC-8 calculation
over the first 4 octets of the ATM cell header. Cell delineation is performed using
the Cell Delineation State Diagram as illustrated below. ALPHA is chosen to be 7
and DELTA is chosen to be 6. These values result in a maximum average time to
delineate of 31 µs for STS-3c (STM-1) and 93 µs for STS-1. When in the HUNT
state, the RACP block asserts the out of cell delineation (OCD) alarm. If OCD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com