Electronic Components Datasheet Search
  English  ▼

X  

PM7375 Datasheet(PDF) 40 Page - PMC-Sierra, Inc

Part # PM7375
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375 Datasheet(HTML) 40 Page - PMC-Sierra, Inc

Back Button PM7375 Datasheet HTML 36Page - PMC-Sierra, Inc PM7375 Datasheet HTML 37Page - PMC-Sierra, Inc PM7375 Datasheet HTML 38Page - PMC-Sierra, Inc PM7375 Datasheet HTML 39Page - PMC-Sierra, Inc PM7375 Datasheet HTML 40Page - PMC-Sierra, Inc PM7375 Datasheet HTML 41Page - PMC-Sierra, Inc PM7375 Datasheet HTML 42Page - PMC-Sierra, Inc PM7375 Datasheet HTML 43Page - PMC-Sierra, Inc PM7375 Datasheet HTML 44Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
24
AD[0]
AD[1]
AD[2]
AD[3]
AD[4]
AD[5]
AD[6]
AD[7]
AD[8]
AD[9]
AD[10]
AD[11]
AD[12]
AD[13]
AD[14]
AD[15]
AD[16]
AD[17]
AD[18]
AD[19]
AD[20]
AD[21]
AD[22]
AD[23]
AD[24]
AD[25]
AD[26]
AD[27]
AD[28]
AD[29]
AD[30]
AD[31]
I/O
68
67
66
63
62
61
58
57
51
50
49
46
45
44
41
40
24
23
20
19
18
15
14
13
6
5
2
1
208
205
204
203
The PCI address and data (AD[31:0]) bus is used to
carry multiplexed address and data. During the first
clock cycle of a transaction, AD[31:0] contains a
physical byte address. Subsequent clock cycles of a
transaction should contain data.
A transaction is defined as an address phase followed
by one or more data phases. When Little-Endian byte
formatting is used. AD[31:24] should contain the most
significant byte of a DWORD while AD[7:0] should
contain the least significant byte of a DWORD. When
Big-Endian byte formatting is used. AD[7:0] should
contain the most significant byte of a DWORD while
AD[31:24] should contain the least significant byte of a
DWORD.
When the LASAR-155 is the initiator, AD[31:0] are
outputs during the first (address) phase of a
transaction. For write transactions, AD[31:0] remain
outputs for the data phases of the transaction. For
read transactions, AD[31:0] become inputs.
When the LASAR-155 is the target, AD[31:0] are
inputs during the first (address) phase of a
transaction. For write transactions, AD[31:0] become
inputs for the data phases of the transaction. For read
transactions, AD[31:0] remain outputs for the
transaction.
When the LASAR-155 is not involved in the current
transaction, AD[31:0] are tri-stated.
Signals, AD[31:0] are updated on the rising edge of
PCICLK or sampled using the rising edge of PCICLK
depending on whether they are outputs or inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com