Electronic Components Datasheet Search
  English  ▼

X  

PM7375 Datasheet(PDF) 60 Page - PMC-Sierra, Inc

Part # PM7375
Description  LOCAL ATM SAR & PHYSICAL LAYER
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7375 Datasheet(HTML) 60 Page - PMC-Sierra, Inc

Back Button PM7375 Datasheet HTML 56Page - PMC-Sierra, Inc PM7375 Datasheet HTML 57Page - PMC-Sierra, Inc PM7375 Datasheet HTML 58Page - PMC-Sierra, Inc PM7375 Datasheet HTML 59Page - PMC-Sierra, Inc PM7375 Datasheet HTML 60Page - PMC-Sierra, Inc PM7375 Datasheet HTML 61Page - PMC-Sierra, Inc PM7375 Datasheet HTML 62Page - PMC-Sierra, Inc PM7375 Datasheet HTML 63Page - PMC-Sierra, Inc PM7375 Datasheet HTML 64Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 430 page
background image
PM7375 LASAR-155
DATA SHEET
PMC-931127
ISSUE 6
LOCAL ATM SAR & PHYSICAL LAYER
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
44
9.2.1 Receive Section Overhead Processor
The Receive Section Overhead Processor (RSOP) provides frame synchronization,
descrambling, section level alarm detection (LOS, OOF,LOF) and performance
monitoring.
While in-frame, the framing bytes (A1, A2) in each frame are compared against the
expected pattern. Out-of-frame is declared when four consecutive frames
containing one or more framing pattern errors have been received. While out-of-
frame, the RSOP depends on the SIPO block to monitor the bit serial data stream
for an occurrence of the framing pattern. When a framing pattern has been
recognized, the RSOP verifies that an error free framing pattern is present in the
next frame before declaring in-frame.
When in-frame, descrambling is performed using the standard generating
polynomial 1 + x6 + x7. Section BIP-8 calculation and verification is automatically
performed with errors accumulated into an internal saturating one second counter.
A loss of signal (LOS) condition is declared when 20 ± 3 µs of all zeros pattern is
detected. LOS is cleared when two valid framing words are detected and during the
intervening time, no LOS condition is detected. A loss of frame (LOF) is declared
when an out-of-frame (OOF) condition persists for 3 ms. LOF is cleared when an
in-frame condition persists for a period of 3 ms.
9.2.2 Receive Line Overhead Processor
The Receive Line Overhead Processor (RLOP) provides line level alarm detection
(line FERF, line AIS) and performance monitoring.
Line Far End Receive Failure (FERF) is declared when a 110 binary pattern is
detected in bits 6, 7, and 8 of the K2 byte, for five consecutive frames. FERF is
removed when any pattern other than 110 is detected in bits 6, 7, and 8 of the K2
byte for five consecutive frames. Line Alarm Indication Signal (AIS) is declared
when a 111 binary pattern is detected in bits 6,7,8 of the K2 byte, for five
consecutive frames. LAIS is removed when any pattern other than 111 is detected
in bits 6, 7, and 8 of the K2 byte for five consecutive frames.
Line BIP-24/8 calculation and verification is automatically performed with errors
accumulated into an internal saturating one second (STS-3c (STM-1) rate) counter.
Accumulation of line far end block error (FEBE) indications into an internal
saturating one second (STS-3c (STM-1) rate) counter is also provided.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com