Electronic Components Datasheet Search
  English  ▼

X  

TLV755P Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TLV755P
Description  TLV755P 500mA, Low-IQ, Small-Size, Low-Dropout Regulator
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV755P Datasheet(HTML) 39 Page - Texas Instruments

Back Button TLV755P Datasheet HTML 35Page - Texas Instruments TLV755P Datasheet HTML 36Page - Texas Instruments TLV755P Datasheet HTML 37Page - Texas Instruments TLV755P Datasheet HTML 38Page - Texas Instruments TLV755P Datasheet HTML 39Page - Texas Instruments TLV755P Datasheet HTML 40Page - Texas Instruments TLV755P Datasheet HTML 41Page - Texas Instruments TLV755P Datasheet HTML 42Page - Texas Instruments TLV755P Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
PACKAGE OUTLINE
DQN0004A
X2SON - 0.4 mm max height
PLASTIC SMALL OUTLINE - NO LEAD
4215302/E 12/2016
NOTES:
1.
All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2.
This drawing is subject to change without notice.
3.
The package thermal pad must be soldered to the printed circuit board for optimal thermal and mechanical performance.
4.
Features may not exist. Recommend use of pin 1 marking on top of package for orientation purposes.
5.
Shape of exposed side leads may differ.
6.
Number and location of exposed tie bars may vary.
www.ti.com
B
A
SEATING PLANE
C
0.08
PIN 1
INDEX AREA
0.1
C A B
0.05
C
PIN 1 ID
(OPTIONAL)
NOTE 4
EXPOSED
THERMAL PAD
1
2
3
4
1
1.05
0.95
1.05
0.95
0.4 MAX
2X 0.65
0.48
+0.12
-0.1
3X
0.30
0.15
0.3
0.2
4X
0.28
0.15
0.05
0.00
(0.11)
NOTE 5
NOTE 6
NOTE 6
5
(0.07) TYP
(0.05) TYP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com