Electronic Components Datasheet Search
  English  ▼

X  

TLV755P Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLV755P
Description  TLV755P 500mA, Low-IQ, Small-Size, Low-Dropout Regulator
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV755P Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLV755P Datasheet HTML 3Page - Texas Instruments TLV755P Datasheet HTML 4Page - Texas Instruments TLV755P Datasheet HTML 5Page - Texas Instruments TLV755P Datasheet HTML 6Page - Texas Instruments TLV755P Datasheet HTML 7Page - Texas Instruments TLV755P Datasheet HTML 8Page - Texas Instruments TLV755P Datasheet HTML 9Page - Texas Instruments TLV755P Datasheet HTML 10Page - Texas Instruments TLV755P Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
5.6 Typical Characteristics
at operating temperature TJ = 25°C, VIN = VOUT(NOM) + 0.5V or 1.45V (whichever is greater), IOUT = 1mA, VEN = VIN, and CIN
= COUT = 1µF (unless otherwise noted)
Frequency (Hz)
0
20
40
60
80
100
10
100
1k
10k
100k
1M
10M
IOUT = 10 mA
IOUT = 50 mA
IOUT = 100 mA
IOUT = 500 mA
VIN = 4.3V, VOUT = 3.3V, COUT = 1µF
Figure 5-1. PSRR vs Frequency and IOUT
Frequency (Hz)
0
20
40
60
80
100
10
100
1k
10k
100k
1M
10M
VIN
3.8 V
4 V
4.3 V
4.5 V
5 V
VOUT = 3.3V, COUT = 1µF, IOUT = 500mA
Figure 5-2. PSRR vs Frequency and VIN
Frequency (Hz)
0
20
40
60
80
100
10
100
1k
10k
100k
1M
10M
COUT = 1 PF
COUT = 10 PF
COUT = 22 PF
COUT = 100 PF
VIN = 4.3V, VOUT = 3.3V, IOUT = 500mA
Figure 5-3. PSRR vs Frequency and COUT
Frequency (Hz)
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
10
100
1k
10k
100k
1M
10M
COUT
1 PF, 143 PVRMS
10 PF, 150 PVRMS
22 PF, 149 PVRMS
100 PF, 146 PVRMS
VOUT = 3.3V, VRMS BW = 10Hz to 100kHz
Figure 5-4. Output Spectral Noise Density vs Frequency and
COUT
Frequency (Hz)
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
10
100
1k
10k
100k
1M
10M
IOUT
10 mA, 140 PVRMS
50 mA, 142 PVRMS
100 mA, 142 PVRMS
500 mA, 143 PVRMS
VOUT = 3.3V, IOUT = 500mA, COUT = 1µF, VRMS BW = 10Hz to
100kHz
Figure 5-5. Output Spectral Noise Density vs Frequency and
IOUT
Output Voltage (V)
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
40
60
80
100
120
140
160
180
200
220
IOUT = 500mA, COUT = 1µF, VRMS BW = 10Hz to 100kHz
Figure 5-6. Output Noise Voltage vs VOUT
www.ti.com
TLV755P
SBVS320D – NOVEMBER 2017 – REVISED SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TLV755P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com