Electronic Components Datasheet Search
  English  ▼

X  

TLV755P Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLV755P
Description  TLV755P 500mA, Low-IQ, Small-Size, Low-Dropout Regulator
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV755P Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV755P Datasheet HTML 7Page - Texas Instruments TLV755P Datasheet HTML 8Page - Texas Instruments TLV755P Datasheet HTML 9Page - Texas Instruments TLV755P Datasheet HTML 10Page - Texas Instruments TLV755P Datasheet HTML 11Page - Texas Instruments TLV755P Datasheet HTML 12Page - Texas Instruments TLV755P Datasheet HTML 13Page - Texas Instruments TLV755P Datasheet HTML 14Page - Texas Instruments TLV755P Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
5.6 Typical Characteristics (continued)
at operating temperature TJ = 25°C, VIN = VOUT(NOM) + 0.5V or 1.45V (whichever is greater), IOUT = 1mA, VEN = VIN, and CIN
= COUT = 1µF (unless otherwise noted)
Output Current (mA)
0
1
2
3
4
5
0
50
100
150
200
250
300
350
400
450
500
550
600
-40qC
0qC
25qC
85qC
125qC
Figure 5-25. VOUT vs IOUT Pulldown Resistor
0
100
200
300
400
500
600
700
800
0
0.5
1
1.5
2
2.5
3
3.5
-40°C
0°C
25°C
85°C
125°C
Output Current (mA)
Figure 5-26. 3.3V Foldback Current Limit, VOUT vs IOUT
www.ti.com
TLV755P
SBVS320D – NOVEMBER 2017 – REVISED SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TLV755P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com