Electronic Components Datasheet Search
  English  ▼

X  

TLV755P Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # TLV755P
Description  TLV755P 500mA, Low-IQ, Small-Size, Low-Dropout Regulator
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV755P Datasheet(HTML) 20 Page - Texas Instruments

Back Button TLV755P Datasheet HTML 16Page - Texas Instruments TLV755P Datasheet HTML 17Page - Texas Instruments TLV755P Datasheet HTML 18Page - Texas Instruments TLV755P Datasheet HTML 19Page - Texas Instruments TLV755P Datasheet HTML 20Page - Texas Instruments TLV755P Datasheet HTML 21Page - Texas Instruments TLV755P Datasheet HTML 22Page - Texas Instruments TLV755P Datasheet HTML 23Page - Texas Instruments TLV755P Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 49 page
background image
7.2.2 Detailed Design Procedure
7.2.2.1 Input Current
During normal operation, the input current to the LDO is approximately equal to the output current of the LDO.
During start-up, the input current is higher as a result of the inrush current charging the output capacitor. Use
Equation 5 to calculate the current through the input.
I
=
OUT(t)
C
OUT
OUT
´ dV
(t)
dt
V
OUT(t)
R
LOAD
+
(5)
where:
• VOUT(t) is the instantaneous output voltage of the turn-on ramp
• dVOUT(t) / dt is the slope of the VOUT ramp
• RLOAD is the resistive load impedance
7.2.2.2 Thermal Dissipation
Junction temperature is determined using the junction-to-ambient thermal resistance (RθJA) and the total power
dissipation (PD). Use Equation 6 to calculate the power dissipation. Multiply PD by RθJA as Equation 7 shows and
add the ambient temperature (TA) to calculate the junction temperature (TJ).
PD = (IGND+ IOUT) × (VIN – VOUT)
(6)
TJ = RθJA × PD + TA
(7)
Calculate the maximum ambient temperature as Equation 8 shows if the (TJ(MAX)) value does not exceed 125°C.
Equation 9 calculates the maximum ambient temperature with a value of 99.95°C.
TA(MAX) = TJ(MAX) – RθJA × PD
(8)
TA(MAX) = 125°C – 100.2°C/W × (4.3V – 3.3V) × (0.25A) = 99.95°C
(9)
7.2.3 Application Curve
Frequency (Hz)
0
20
40
60
80
100
10
100
1k
10k
100k
1M
10M
IOUT = 10 mA
IOUT = 50 mA
IOUT = 100 mA
IOUT = 500 mA
VIN = 4.3V, VOUT = 3.3V
Figure 7-5. PSRR vs Frequency (4.3V to 3.3V)
7.3 Power Supply Recommendations
Connect a low output impedance power supply directly to the IN pin of the TLV755P. If the input source is
reactive, consider using multiple input capacitors in parallel with the 1µF input capacitor to lower the input supply
impedance over frequency.
TLV755P
SBVS320D – NOVEMBER 2017 – REVISED SEPTEMBER 2024
www.ti.com
20
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: TLV755P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com