Electronic Components Datasheet Search
  English  ▼

X  

TLV755P Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLV755P
Description  TLV755P 500mA, Low-IQ, Small-Size, Low-Dropout Regulator
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV755P Datasheet(HTML) 3 Page - Texas Instruments

  TLV755P Datasheet HTML 1Page - Texas Instruments TLV755P Datasheet HTML 2Page - Texas Instruments TLV755P Datasheet HTML 3Page - Texas Instruments TLV755P Datasheet HTML 4Page - Texas Instruments TLV755P Datasheet HTML 5Page - Texas Instruments TLV755P Datasheet HTML 6Page - Texas Instruments TLV755P Datasheet HTML 7Page - Texas Instruments TLV755P Datasheet HTML 8Page - Texas Instruments TLV755P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 49 page
background image
4 Pin Configuration and Functions
1
OUT
2
GND
5
3
EN
4
IN
Not to scale
Figure 4-1. DQN Package, 4-Pin X2SON (Top View)
1
IN
2
GND
3
EN
4
NC
5
OUT
Not to scale
Figure 4-2. DBV Package, 5-Pin SOT-23 (Top View)
OUT
NC
IN
1
2
3
4
5
Thermal
Pad
Not to scale
GND
EN
Figure 4-3. DYD Package, 5-Pin SOT-23 With
Exposed Thermal Pad (Top View)
1
OUT
6
IN
2
NC
5
NC
3
GND
4
EN
Not to scale
Thermal
Pad
NC = no internal connection.
Figure 4-4. DRV Package, 6-Pin WSON With
Exposed Thermal Pad (Top View)
Table 4-1. Pin Functions
PIN
TYPE(2)
DESCRIPTION
NAME
DQN
DBV
DYD
DRV
EN
3
3
3
4
I
Enable pin. Drive EN greater than VHI to turn on the regulator.
Drive EN less than VLO to place the low-dropout regulator (LDO)
into shutdown mode.
GND
2
2
2
3
—
Ground pin.
IN
4
1
1
6
I
Input pin. A capacitor with a value of 1µF or larger is required from
this pin to ground.(1) See the Input and Output Capacitor Selection
section for more information.
NC
—
4
4
2, 5
—
No internal connection.
OUT
1
5
5
1
O
Regulated output voltage pin. A capacitor with a value of 1µF or
larger is required from this pin to ground.(1) See the Input and
Output Capacitor Selection section for more information.
Thermal pad
Pad
—
Pad
Pad
—
Connect the thermal pad to a large-area ground plane.
The thermal pad is internally connected to GND.
(1)
Make sure the nominal input and output capacitance is greater than 0.47µF. Throughout this document the nominal derating on these
capacitors is 50%. Make sure the effective capacitance at the pin is greater than 0.47µF.
(2)
I = Input; O = Output
www.ti.com
TLV755P
SBVS320D – NOVEMBER 2017 – REVISED SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: TLV755P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com