Electronic Components Datasheet Search
  English  ▼

X  

TLVH431ACDBVT Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TLVH431ACDBVT
Description  TLVH431, TLVH432 Low-Voltage Adjustable Precision Shunt Regulators
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLVH431ACDBVT Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLVH431ACDBVT Datasheet HTML 3Page - Texas Instruments TLVH431ACDBVT Datasheet HTML 4Page - Texas Instruments TLVH431ACDBVT Datasheet HTML 5Page - Texas Instruments TLVH431ACDBVT Datasheet HTML 6Page - Texas Instruments TLVH431ACDBVT Datasheet HTML 7Page - Texas Instruments TLVH431ACDBVT Datasheet HTML 8Page - Texas Instruments TLVH431ACDBVT Datasheet HTML 9Page - Texas Instruments TLVH431ACDBVT Datasheet HTML 10Page - Texas Instruments TLVH431ACDBVT Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
5.6 TLVH43xA Electrical Characteristics
at 25°C free-air temperature (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TLVH431A
TLVH432A
UNIT
MIN
TYP
MAX
VREF
Reference voltage
VKA = VREF,
IK = 10mA
TA = 25°C
1.228
1.24
1.252
V
TA = full range,
See Figure 6-1 (1)
TLVH431AC
1.221
1.259
TLVH431AI
1.215
1.265
TLVH431AQ
1.209
1.271
VREF(dev)
VREF deviation over full
temperature range(2)
VKA = VREF, IK = 10mA, See Figure 6-1 (1)
TLVH431AC
4
12
mV
TLVH431AI
6
20
TLVH431AQ
11
31
DVREF
DVKA
Ratio of VREF change to
cathode voltage change
VK = VREF to 18V, IK = 10mA, See Figure 6-2
–1.5
–2.7 mV/V
Iref
Reference terminal current
IK = 10mA, R1 = 10kΩ, R2 = open, See Figure 6-2
0.1
0.5
μA
Iref(dev)
Iref deviation over full
temperature range(2)
IK = 10mA, R1 = 10kΩ, R2 = open,
See Figure 6-2 (1)
TLVH431AC
0.05
0.3
μA
TLVH431AI
0.1
0.4
TLVH431AQ
0.15
0.5
IK(min)
Minimum cathode current
for regulation
VKA = VREF, See Figure 6-1
60
100
μA
IK(off)
Off-state cathode current
VREF = 0, VKA = 18V, See Figure 6-3
0.02
0.1
μA
|zKA|
Dynamic impedance(3)
VKA = VREF, f ≤ 1kHz, IK = 0.1mA to 70mA,
See Figure 6-1
0.25
0.4
Ω
(1)
Full temperature ranges are –40°C to +125°C for TLVH431Q, –40°C to +85°C for TLVH431I, and 0°C to 70°C for TLVH431C.
(2)
The deviation parameters VREF(dev) and Iref(dev) are defined as the differences between the maximum and minimum values obtained
over the rated temperature range. The average full-range temperature coefficient of the reference input voltage, αVREF, is defined as:
(
)
REF(dev )
6
REF
A
REF
A
V
10
V
T
25 C
ppm
V
C
T
´
=
°
a
=
°
D
æ
ö
ç
÷
æ
ö è
ø
ç
÷
è
ø
where ΔTA is the rated operating free-air temperature range of the device.
αVREF can be positive or negative, depending on whether minimum VREF or maximum VREF, respectively, occurs at the lower
temperature.
(3)
The dynamic impedance is defined as:
KA
K
ka
V
z
I
D
D
=
When the device is operating with two external resistors (see Figure 6-2), the total dynamic impedance of the circuit is defined as:
ka
ka
V
z
z
I
R1
1
R2
D
D
+
¢ =
»
´
æ
ö
ç
÷
è
ø
www.ti.com
TLVH431, TLVH431A, TLVH431B, TLVH432, TLVH432A, TLVH432B
SLVS555N – NOVEMBER 2004 – REVISED JUNE 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: TLVH431 TLVH431A TLVH431B TLVH432 TLVH432A TLVH432B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com