Electronic Components Datasheet Search
  English  ▼

X  

TLVH431ACDBVT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLVH431ACDBVT
Description  TLVH431, TLVH432 Low-Voltage Adjustable Precision Shunt Regulators
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLVH431ACDBVT Datasheet(HTML) 1 Page - Texas Instruments

  TLVH431ACDBVT Datasheet HTML 1Page - Texas Instruments TLVH431ACDBVT Datasheet HTML 2Page - Texas Instruments TLVH431ACDBVT Datasheet HTML 3Page - Texas Instruments TLVH431ACDBVT Datasheet HTML 4Page - Texas Instruments TLVH431ACDBVT Datasheet HTML 5Page - Texas Instruments TLVH431ACDBVT Datasheet HTML 6Page - Texas Instruments TLVH431ACDBVT Datasheet HTML 7Page - Texas Instruments TLVH431ACDBVT Datasheet HTML 8Page - Texas Instruments TLVH431ACDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
TLVH431, TLVH432 Low-Voltage Adjustable Precision Shunt Regulators
1 Features
• Low-voltage operation: down to 1.24V
• Reference voltage tolerances at 25°C
– 0.5% for B grade
– 1% for A grade
– 1.5% for standard grade
• Adjustable output voltage, VO = VREF to 18V
• Wide operating cathode current range:
100μA to 70mA
• 0.25Ω typical output impedance
• –40°C to +125°C specifications
• TLVH432 provides alternative pinouts for
SOT-23-3 and SOT-89 packages
• Ultra-small SC-70 package offers 40%
smaller footprint than SOT-23-3
2 Applications
• Adjustable voltage reference for data Converters
• Secondary side regulation in flyback SMPSs
• Zener replacement with low leakage current
• Voltage monitoring for power rails
• Comparator with integrated reference
3 Description
The TLVH431 and TLVH432 devices are low-
voltage 3-terminal adjustable voltage references, with
specified thermal stability over applicable industrial
and commercial temperature ranges. Output voltage
can be set to any value between VREF (1.24V)
and 18V with two external resistors (see Figure
6-2). These devices operate from a lower voltage
(1.24V) than the widely used TL431 and TL1431
shunt-regulator references.
When used with an optocoupler, the TLVH431
and TLVH432 devices are an excellent choice for
voltage references in isolated feedback circuits for
3V to 3.3V switching-mode power supplies. The
devices have a typical output impedance of 0.25Ω.
Active output circuitry provides a very sharp turn-on
characteristic, making the TLVH431 and TLVH432
devices excellent replacements for low-voltage Zener
diodes in many applications, including on-board
regulation and adjustable power supplies.
The TLVH432 device is identical to the TLVH431
device, but is offered with different pinouts for the
3-pin SOT-23 and SOT-89 packages.
Device Information
PART NUMBER
PACKAGE (1)
BODY SIZE (NOM)
(2)
TLVH43xxDBV
SOT-23 (5)
2.90mm × 1.60mm
TLVH43xxDBZ
SOT-23 (3)
2.92mm × 1.30mm
TLVH43xxDCK
SC70 (6)
2.00mm × 1.25mm
TLVH43xxLP
TO-92 (3)
4.30mm × 4.30mm
TLVH43xxPK
SOT-89 (3)
4.50mm × 2.50mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
VREF
Input
V
I
O
K
Simplified Schematic
TLVH431, TLVH431A, TLVH431B, TLVH432, TLVH432A, TLVH432B
SLVS555N – NOVEMBER 2004 – REVISED JUNE 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TLVH431ACDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLVH431ACDBVT TI-TLVH431ACDBVT Datasheet
570Kb / 37P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLVH431ACDBVT TI-TLVH431ACDBVT Datasheet
673Kb / 38P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLVH431ACDBVT TI1-TLVH431ACDBVT Datasheet
1Mb / 53P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLVH431ACDBVT TI1-TLVH431ACDBVT Datasheet
1Mb / 50P
Low-Voltage Adjustable Precision Shunt Regulators
TLVH431ACDBVTE4 TI-TLVH431ACDBVTE4 Datasheet
570Kb / 37P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
More results

Similar Description - TLVH431ACDBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV431 TI-TLV431 Datasheet
232Kb / 34P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Microsemi Corporation
LX432 MICROSEMI-LX432 Datasheet
155Kb / 8P
LOW VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Texas Instruments
TLV431 TI-TLV431_06 Datasheet
787Kb / 31P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Linear Dimensions Semic...
LND431 LINEAR_DIMENSIONS-LND431 Datasheet
128Kb / 6P
Low-voltage Adjustable Precision Shunt Regulators
logo
Texas Instruments
TLV431A-Q1 TI1-TLV431A-Q1 Datasheet
489Kb / 21P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLVH431A-Q1 TI1-TLVH431A-Q1 Datasheet
658Kb / 25P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLVH431AIDBVRG4 TI1-TLVH431AIDBVRG4 Datasheet
1Mb / 53P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
SYNC POWER Crop.
SP432 SYNC-POWER-SP432_13 Datasheet
394Kb / 15P
Low Voltage Adjustable Precision Shunt Regulators
logo
Texas Instruments
TLVH431 TI1-TLVH431_15 Datasheet
1Mb / 50P
Low-Voltage Adjustable Precision Shunt Regulators
TLVH431A-Q1 TI1-TLVH431A-Q1_15 Datasheet
1,003Kb / 25P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com