Electronic Components Datasheet Search
  English  ▼

X  

TLVH431ACDBVT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLVH431ACDBVT
Description  TLVH431, TLVH432 Low-Voltage Adjustable Precision Shunt Regulators
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLVH431ACDBVT Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLVH431ACDBVT Datasheet HTML 9Page - Texas Instruments TLVH431ACDBVT Datasheet HTML 10Page - Texas Instruments TLVH431ACDBVT Datasheet HTML 11Page - Texas Instruments TLVH431ACDBVT Datasheet HTML 12Page - Texas Instruments TLVH431ACDBVT Datasheet HTML 13Page - Texas Instruments TLVH431ACDBVT Datasheet HTML 14Page - Texas Instruments TLVH431ACDBVT Datasheet HTML 15Page - Texas Instruments TLVH431ACDBVT Datasheet HTML 16Page - Texas Instruments TLVH431ACDBVT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
7 Detailed Description
7.1 Overview
TLVH431 is a low power counterpart to TL431, having lower reference voltage (1.24V versus 2.5V) for lower
voltage adjustability and lower minimum cathode current (Ik(min)= 100µA versus 1mA). Like TL431, TLVH431 is
used in conjunction with the key components to behave as a single voltage reference, error amplifier, voltage
clamp or comparator with integrated reference.
TLVH431 is also a higher voltage counterpart to TLV431, with cathode voltage adjustability from 1.24V to 18V,
making this part optimum for a wide range of end equipments in industrial, auto, telecom and computing. For this
device to behave as a shunt regulator or error amplifier, >100µA (Imin(max)) must be supplied in to the cathode
pin. Under this condition, feedback can be applied from the Cathode and Ref pins to create a replica of the
internal reference voltage.
Various reference voltage options can be purchased with initial tolerances (at 25°C) of 0.5%, 1%, and 1.5%.
These reference options are denoted by B (0.5%), A (1.0%) and blank (1.5%) after the TLVH431.
The TLVH431xC devices are characterized for operation from 0°C to 70°C, the TLVH431xI devices are
characterized for operation from –40°C to +85°C, and the TLVH431xQ devices are characterized for operation
from –40°C to +125°C.
7.2 Functional Block Diagram
CATHODE
REF
ANODE
VREF = 1.24 V
−
+
Figure 7-1. Equivalent Schematic
www.ti.com
TLVH431, TLVH431A, TLVH431B, TLVH432, TLVH432A, TLVH432B
SLVS555N – NOVEMBER 2004 – REVISED JUNE 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TLVH431 TLVH431A TLVH431B TLVH432 TLVH432A TLVH432B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com