Electronic Components Datasheet Search
  English  ▼

X  

TLVH431ACDBVT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLVH431ACDBVT
Description  TLVH431, TLVH432 Low-Voltage Adjustable Precision Shunt Regulators
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLVH431ACDBVT Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLVH431ACDBVT Datasheet HTML 7Page - Texas Instruments TLVH431ACDBVT Datasheet HTML 8Page - Texas Instruments TLVH431ACDBVT Datasheet HTML 9Page - Texas Instruments TLVH431ACDBVT Datasheet HTML 10Page - Texas Instruments TLVH431ACDBVT Datasheet HTML 11Page - Texas Instruments TLVH431ACDBVT Datasheet HTML 12Page - Texas Instruments TLVH431ACDBVT Datasheet HTML 13Page - Texas Instruments TLVH431ACDBVT Datasheet HTML 14Page - Texas Instruments TLVH431ACDBVT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
5.8 Typical Characteristics (continued)
Operation of the device at these or any other conditions beyond those indicated in the Section 5.3 table are not implied.
SMALL-SIGNAL VOLTAGE GAIN
/PHASE MARGIN
vs
FREQUENCY
10 mF
GND
Output
180 W
IK
6.8 kW
1 k
10 k
100 k
1 M
100
f − Frequency − (Hz)
TEST CIRCUIT FOR VOLTAGE GAIN
AND PHASE MARGIN
80
70
60
50
40
30
20
10
0
−10
0°
36°
72°
108°
144°
180°
4.3 kW
5 V
IK = 10 mA
TA = 25°C
−20
Figure 5-11. Voltage Gain and Phase Margin
Output
R = 18 kΩ
TA = 25°C
18 kΩ
50 Ω
GND
Output
Pulse
Generator
f = 100 kHz
TEST CIRCUIT FOR PULSE RESPONSE 1
0
1
2
3
4
PULSE RESPONSE 1
5
6
7
8
3.5
3
2.5
2
1.5
1
0.5
0
− 0.5
t − Time − µs
Input
Ik
Figure 5-12. Pulse Response 1
Output
R = 1.8 kΩ
TA = 25°C
1.8 kΩ
50 Ω
GND
Output
Pulse
Generator
f = 100 kHz
TEST CIRCUIT FOR PULSE RESPONSE 2
0
1
2
3
4
PULSE RESPONSE 2
5
6
7
8
3.5
3
2.5
2
1.5
1
0.5
0
− 0.5
t − Time − µs
Input
IK
Figure 5-13. Pulse Response 2
50 W
100 µF
30 kW
I
1
I
K
I
2
C
L
Figure 5-14. Phase Margin Test Circuit
I
K
Figure 5-15. Phase Margin vs Capacitive Load VKA = VREF (1.25
V), TA= 25°C
I
K
Figure 5-16. Phase Margin vs Capacitive Load VKA = 2.50V, TA=
25°C
I
K
Figure 5-17. Phase Margin vs Capacitive Load VKA = 5.00V, TA= 25°C
www.ti.com
TLVH431, TLVH431A, TLVH431B, TLVH432, TLVH432A, TLVH432B
SLVS555N – NOVEMBER 2004 – REVISED JUNE 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TLVH431 TLVH431A TLVH431B TLVH432 TLVH432A TLVH432B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com